Electronic Components Datasheet Search
  English  ▼

X  

S8233C Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S8233C
Description  BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8233C Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S8233C Datasheet HTML 3Page - Seiko Instruments Inc S8233C Datasheet HTML 4Page - Seiko Instruments Inc S8233C Datasheet HTML 5Page - Seiko Instruments Inc S8233C Datasheet HTML 6Page - Seiko Instruments Inc S8233C Datasheet HTML 7Page - Seiko Instruments Inc S8233C Datasheet HTML 8Page - Seiko Instruments Inc S8233C Datasheet HTML 9Page - Seiko Instruments Inc S8233C Datasheet HTML 10Page - Seiko Instruments Inc S8233C Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
Rev.4.0_00
S-8233C Series
Seiko Instruments Inc.
7
Measurement Circuits
(1) Measurement 1 Measurement circuit 1
Set V1, V2, and V3 to 3.5 V under normal condition. Increase V1 from 3.5 V gradually. The V1 voltage
when COP = 'H' is over charge detection voltage 1 (VCU1). Decrease V1 gradually. The V1 voltage when
COP = 'L' is over charge release voltage 1 (VCD1). Further decrease V1. The V1 voltage when DOP = 'H'
is over discharge voltage 1 (VDD1). Increase V1 gradually. The V1 voltage when DOP = 'L' is over
discharge release voltage 1 (VDU1).
Remark The voltage change rate is 150 V/s or less.
(2) Measurement 2 Measurement circuit 1
Set V1, V2, and V3 to 3.5 V under normal condition. Increase V2 from 3.5 V gradually. The V2 voltage
when COP = 'H' is over charge detection voltage 2 (VCU2). Decrease V2 gradually. The V2 voltage when
COP = 'L' is over charge release voltage 2 (VCD2). Further decrease V2. The V2 voltage when DOP = 'H'
is over discharge voltage 2 (VDD2). Increase V2 gradually. The V2 voltage when DOP = 'L' is over
discharge release voltage 2 (VDU2).
Remark The voltage change rate is 150 V/s or less.
(3) Measurement 3 Measurement circuit 1
Set V1, V2, and V3 to 3.5 V under normal condition. Increase V3 from 3.5 V gradually. The V3 voltage
when COP = 'H' is over charge detection voltage 3 (VCU3). Decrease V3 gradually. The V3 voltage when
COP = 'L' is over charge release voltage 3 (VCD3). Further decrease V3. The V3 voltage when DOP = 'H'
is over discharge voltage 3 (VDD3). Increase V3 gradually. The V3 voltage when DOP = 'L' is over
discharge release voltage 3 (VDU3).
Remark The voltage change rate is 150 V/s or less.
(4) Measurement 4 Measurement circuit 2
Set V1, V2, V3 to 3.5 V and V4 to 0 V under normal condition. Increase V4 from 0 V gradually. The V4
voltage when DOP = 'H' and COP = 'H, is over current detection voltage 1 (VIOV1).
Set V1, V2, and V3 to 3.5 V and V4 to 0 V under normal condition. Fix the COVT terminal at VSS,
increase V4 from 0 V gradually. The V4 voltage when DOP = 'H" and COP = 'H' is over current detection
voltage 2 (VIOV2).
Set V1, V2, and V3 to 3.5 V and V4 to 0 V under normal condition. Fix the COVT terminal at VSS,
increase V4 gradually from 0 V at 400
µs to 2 ms. The V4 voltage when DOP = 'H" and COP = 'H' is over
current detection voltage 3 (VIOV3).
(5) Measurement 5 Measurement circuit 3
Set S1 to ON, V1, V2, and V3 to 3.5 V, and V4 to 0 V under normal condition and measure current
consumption. I1 is the normal condition current consumption (IOPE), I2, the cell 2 current consumption
(ICELL2), and I3, the cell 3 current consumption (ICELL3).
Set S1 to ON, V1, V2, and V3 to 1.5 V, and V4 to 4.5 V under over discharge condition. Current
consumption I1 is power-down current consumption (IPDN).
(6) Measurement 6 Measurement circuit 3
Set S1 to ON, V1, V2, and V3 to 3.5 V, and V4 to 10.5 V under normal condition. V4/I4 is the internal
resistance between VCC and VMP (RVCM).
Set S1 to ON, V1, V2, and V3 to 1.5 V, and V4 to 4.1 V under over discharge condition. (4.5-V4)/I4 is the
internal resistance between VSS and VMP (RVSM).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com