Electronic Components Datasheet Search
  English  ▼

X  

3210192 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 3210192
Description  Disconnect terminal block - PT 2,5-TGB
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3210192 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  3210192 Datasheet HTML 1Page - PHOENIX CONTACT 3210192 Datasheet HTML 2Page - PHOENIX CONTACT 3210192 Datasheet HTML 3Page - PHOENIX CONTACT 3210192 Datasheet HTML 4Page - PHOENIX CONTACT 3210192 Datasheet HTML 5Page - PHOENIX CONTACT 3210192 Datasheet HTML 6Page - PHOENIX CONTACT 3210192 Datasheet HTML 7Page - PHOENIX CONTACT 3210192 Datasheet HTML 8Page - PHOENIX CONTACT 3210192 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
https://www.phoenixcontact.com/us/products/3210192
09/06/2016   Page 3 / 29
Disconnect terminal block - PT 2,5-TGB - 3210192
Technical data
General
Tight fit on carrier
NS 35
Setpoint
1 N
Result of voltage-drop test
Test passed
Result of temperature-rise test
Test passed
Short circuit stability result
Test passed
Conductor cross section short circuit testing
2.5 mm²
Short-time current
0.3 kA
Result of aging test
Test passed
Ageing test for screwless modular terminal block temperature cycles
192
Result of thermal test
Test passed
Proof of thermal characteristics (needle flame) effective duration
30 s
Oscillation, broadband noise test result
Test passed
Test specification, oscillation, broadband noise
DIN EN 50155 (VDE 0115-200):2008-03
Test spectrum
Service life test category 1, class B, body mounted
Test frequency
f1 = 5 Hz to f2 = 150 Hz
ASD level
1.857 (m/s2)2/Hz
Acceleration
0,8 g
Test duration per axis
5 h
Test directions
X-, Y- and Z-axis
Shock test result
Test passed
Test specification, shock test
DIN EN 50155 (VDE 0115-200):2008-03
Shock form
Half-sine
Acceleration
5 g
Shock duration
30 ms
Number of shocks per direction
3
Test directions
X-, Y- and Z-axis (pos. and neg.)
Relative insulation material temperature index (Elec., UL 746 B)
130 °C
Temperature index of insulation material (DIN EN 60216-1 (VDE 0304-21)) 130 °C
Static insulating material application in cold
-60 °C
Behavior in fire for rail vehicles (DIN 5510-2)
Test passed
Flame test method (DIN EN 60695-11-10)
V0
Oxygen index (DIN EN ISO 4589-2)
>32 %
NF F16-101, NF F10-102 Class I
2
NF F16-101, NF F10-102 Class F
2
Surface flammability NFPA 130 (ASTM E 162)
passed
Specific optical density of smoke NFPA 130 (ASTM E 662)
passed
Smoke gas toxicity NFPA 130 (SMP 800C)
passed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com