Electronic Components Datasheet Search
  English  ▼

X  

3210192 Datasheet(PDF) 21 Page - PHOENIX CONTACT

Part # 3210192
Description  Disconnect terminal block - PT 2,5-TGB
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3210192 Datasheet(HTML) 21 Page - PHOENIX CONTACT

Back Button 3210192 Datasheet HTML 17Page - PHOENIX CONTACT 3210192 Datasheet HTML 18Page - PHOENIX CONTACT 3210192 Datasheet HTML 19Page - PHOENIX CONTACT 3210192 Datasheet HTML 20Page - PHOENIX CONTACT 3210192 Datasheet HTML 21Page - PHOENIX CONTACT 3210192 Datasheet HTML 22Page - PHOENIX CONTACT 3210192 Datasheet HTML 23Page - PHOENIX CONTACT 3210192 Datasheet HTML 24Page - PHOENIX CONTACT 3210192 Datasheet HTML 25Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
https://www.phoenixcontact.com/us/products/3210192
09/06/2016   Page 21 / 29
Disconnect terminal block - PT 2,5-TGB - 3210192
Accessories
Marker carriers - STP 5-2-ZB - 3037643
Double marker carrier, snaps onto the spring-cage terminal blocks ST 2.5..., labeled with ZB 5 or ZBF 5
 
 
Group marker label for terminal marking - GBS-ZB/26X6 - 0809298
Group marking label, snaps onto terminal center for screw, spring-cage and quick connection terminal blocks, labeled
with ESL 26x6 mm or EST 25x6 mm, in the foot part with Zack marker strip, length: 29 mm
 
 
Partition plate
Partition plate - ATP-ST-TWIN - 3030789
Partition plate, Length: 76.6 mm, Width: 2 mm, Height: 45 mm, Color: gray
 
 
Spacer plate - DP PS-5 - 3036725
Spacer plate, Length: 22.4 mm, Width: 5.2 mm, Height: 29 mm, Number of positions: 1, Color: red
 
 
Planning and marking software
Software - CLIP-PROJECT ADVANCED - 5146040
Multilingual software for convenient configuration of Phoenix Contact products on standard DIN rails.
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com