Electronic Components Datasheet Search
  English  ▼

X  

3210192 Datasheet(PDF) 28 Page - PHOENIX CONTACT

Part # 3210192
Description  Disconnect terminal block - PT 2,5-TGB
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3210192 Datasheet(HTML) 28 Page - PHOENIX CONTACT

Back Button 3210192 Datasheet HTML 21Page - PHOENIX CONTACT 3210192 Datasheet HTML 22Page - PHOENIX CONTACT 3210192 Datasheet HTML 23Page - PHOENIX CONTACT 3210192 Datasheet HTML 24Page - PHOENIX CONTACT 3210192 Datasheet HTML 25Page - PHOENIX CONTACT 3210192 Datasheet HTML 26Page - PHOENIX CONTACT 3210192 Datasheet HTML 27Page - PHOENIX CONTACT 3210192 Datasheet HTML 28Page - PHOENIX CONTACT 3210192 Datasheet HTML 29Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
https://www.phoenixcontact.com/us/products/3210192
09/06/2016   Page 28 / 29
Disconnect terminal block - PT 2,5-TGB - 3210192
Accessories
Fuse plug - P-FU 5X20-5 - 3209235
Fuse plug, Nominal current: 6.3 A, Nominal voltage: 400 V, Width: 6.4 mm, Fuse type: G / 5 x 20, Fuse type: Glass /
ceramics / ..., Mounting type: Plug-in mounting, Color: black
 
 
Fuse plug - P-FU 5X20 LED 24-5 - 3209248
Fuse plug, Nominal current: 6.3 A, Width: 5.2 mm, Fuse type: G / 5 x 20, Fuse type: Glass / ceramics / ..., Mounting
type: Plug-in mounting, Color: black
 
 
Fuse plug - P-FU 5X20 LED 60-5 - 3209251
Fuse plug, Nominal current: 6.3 A, Width: 5.2 mm, Fuse type: G / 5 x 20, Fuse type: Glass / ceramics / ..., Mounting
type: Plug-in mounting, Color: black
 
 
Fuse plug - P-FU 5X20 LED 250-5 - 3209264
Fuse plug, Nominal current: 6.3 A, Width: 5.2 mm, Fuse type: G / 5 x 20, Fuse type: Glass / ceramics / ..., Mounting
type: Plug-in mounting, Color: black
 
 
Fuse plug - P-FU 6,3X32 - 3046498
Fuse plug, Connection method: Plug connection, Nominal current: 10 A, Nominal voltage: 630 V, Width: 8.2 mm, Fuse
type: G / 6,3 x 32, Fuse type: Glass / ceramics / ..., Mounting type: Plug-in mounting, Color: black
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com