Electronic Components Datasheet Search
  English  ▼

X  

3210192 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 3210192
Description  Disconnect terminal block - PT 2,5-TGB
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3210192 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  3210192 Datasheet HTML 1Page - PHOENIX CONTACT 3210192 Datasheet HTML 2Page - PHOENIX CONTACT 3210192 Datasheet HTML 3Page - PHOENIX CONTACT 3210192 Datasheet HTML 4Page - PHOENIX CONTACT 3210192 Datasheet HTML 5Page - PHOENIX CONTACT 3210192 Datasheet HTML 6Page - PHOENIX CONTACT 3210192 Datasheet HTML 7Page - PHOENIX CONTACT 3210192 Datasheet HTML 8Page - PHOENIX CONTACT 3210192 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
https://www.phoenixcontact.com/us/products/3210192
09/06/2016   Page 4 / 29
Disconnect terminal block - PT 2,5-TGB - 3210192
Technical data
General
Calorimetric heat release NFPA 130 (ASTM E 1354)
28 MJ/kg
Fire protection for rail vehicles (DIN EN 45545-2) R22
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R23
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R24
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R26
HL 1 - HL 3
Dimensions
Width
5.2 mm
End cover width
2.2 mm
Length
70.1 mm
Height
35.3 mm
Height NS 35/7,5
36.8 mm
Height NS 35/15
44.3 mm
Connection data
Connection method
Push-in connection
Connection in acc. with standard
IEC 60947-7-1
Conductor cross section solid min.
0.14 mm²
Conductor cross section solid max.
4 mm²
Conductor cross section AWG min.
26
Conductor cross section AWG max.
12
Conductor cross section flexible min.
0.14 mm²
Conductor cross section flexible max.
2.5 mm²
Min. AWG conductor cross section, flexible
26
Max. AWG conductor cross section, flexible
14
Conductor cross section flexible, with ferrule without plastic sleeve min.
0.14 mm²
Conductor cross section flexible, with ferrule without plastic sleeve max.
2.5 mm²
Conductor cross section flexible, with ferrule with plastic sleeve min.
0.14 mm²
Conductor cross section flexible, with ferrule with plastic sleeve max.
2.5 mm²
2 conductors with same cross section, stranded, TWIN ferrules with plastic
sleeve, max.
0.5 mm²
Stripping length
8 mm ... 10 mm
Internal cylindrical gage
A3
Standards and Regulations
Connection in acc. with standard
CSA
IEC 60947-7-1
Flammability rating according to UL 94
V0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com