Electronic Components Datasheet Search
  English  ▼

X  

VSC7128 Datasheet(PDF) 4 Page - Vitesse Semiconductor Corporation

Part # VSC7128
Description  Hex Port Bypass Circuit / Dual Repeater for 1.0625 Gb/s FC-AL Disk Arrays
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7128 Datasheet(HTML) 4 Page - Vitesse Semiconductor Corporation

  VSC7128 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7128 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7128 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7128 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7128 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7128 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7128 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7128 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7128 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7128
Hex Port Bypass Circuit / Dual Repeater
for 1.0625 Gb/s FC-AL Disk Arrays
Page 4
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
8/31/98
G52177-0, Rev. 2.3
DC Characteristics (Over recommended operating conditions).
Absolute Maximum Ratings (1)
Power Supply Voltage (VDD)..............................................................................................................-0.5V to +4V
PECL DC Input Voltage ......................................................................................................... -0.5V to VDD +0.5V
TTL DC Input Voltage .......................................................................................................................-0.5V to 5.5V
DC Voltage Applied to TTL Outputs .................................................................................... -0.5V to VDD + 0.5V
TTL Output Current ................................................................................................................................. +/-50mA
PECL Output Current ............................................................................................................................... +/-50mA
Case Temperature Under Bias ........................................................................................................ -55
° to +125oC
Storage Temperature...................................................................................................................... -65
° to + 150oC
Maximum Input ESD (Human Body Model) .............................................................................................. 1500 V
Recommended Operating Conditions
Power Supply Voltage................................................................................................................3.3V +/- 5%
Ambient Operating Temperature Range...............................................................0
°C Ambient to +90°C Case
Notes:
1)
CAUTION: Stresses listed under “Absolute Maximum Ratings” may be applied to devices one at a time without causing per-
manent damage. Functionality at or above the values listed is not implied. Exposure to these values for extended periods may
affect device reliability.
Parameters
Description
Min
Typ
Max
Units
Conditions
VIH
Input HIGH voltage (TTL)
2.0
—
5.5
V
VIL
Input LOW voltage (TTL)
0
—
0.8
V
—
IIH
Input HIGH current (TTL)
—
50
500
µAV
IN = 2.4 V
IIL
Input LOW current (TTL)
—
—
-500
µAV
IN = 0.5 V
VOH
Output HIGH Voltage (TTL)
2.4
—
—
V
IOH = -1.0mA
VOL
Output LOW Voltage (TTL)
—
—
0.5
V
IOL= +1.0mA
VDD
Supply voltage
3.14
—
3.47
V
VDD = 3.3V + 5%
PD
Power Dissipation
—
1.3
2.1
W
Outputs open, VDD = VDD max
IDD
Supply current
—
390
620
mA
Outputs open, VDD = VDD max
∆V
IN(DF)
PECL input swing
300
—
2600
mVp-p
AC Coupled.
Internally biased at VDD/2
∆V
OUT75
PECL output swing: LSO, OUT
1200
—
2200
mVp-p
75
Ω to V
DD – 2.0 V
∆V
OUT50
PECL output swing: LSO, OUT
1200
—
2200
mVp-p
50
Ω to V
DD – 2.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com