Electronic Components Datasheet Search
  English  ▼

X  

VSC7128 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7128
Description  Hex Port Bypass Circuit / Dual Repeater for 1.0625 Gb/s FC-AL Disk Arrays
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7128 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7128 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7128 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7128 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7128 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7128 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7128 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7128 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7128 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7128 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 1
8/31/98
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7128
Hex Port Bypass Circuit / Dual Repeater
for 1.0625 Gb/s FC-AL Disk Arrays
G52177-0, Rev. 2.3
Features
General Description
The VSC7128 contains six Port Bypass Circuits (PBCs), dual embedded Clock Recovery Unit repeaters
(CRU) and dual Signal Detect Units (SDU). These functions are integrated into a single part to minimize circuit
size, part count, cost, high frequency routing and jitter accumulation. Together, they allow for optimized designs
of FC-AL JBOD systems that provide resiliency and hot insertion/removal of disk drives. The PBCs configure
the FC-AL loop to either include or exclude each drive.
Repeaters retime the incoming signal thereby attenu-
ating jitter so that downstream devices see high amplitude, low jitter signals. The SDUs determine whether the
output of the CRU is a valid Fibre Channel signal. Disk drives are connected directly to the LSO/LSI/SEL pins
while the IN/OUT pins can be connected to any FC-AL devices.
VSC7128 Block Diagram
• Supports ANSI X3T11 1.0625Gb/s FC-AL Disk
Attach for Resiliency
• Dual Repeaters (CRUs) Improve Signal Quality
• Six Port Bypass Circuits (PBCs) for Resiliency
• Dual Digital Signal Detect Units (SDUs)
• Fully Differential for Minimum Jitter
• Selectable REFCLK: 53.125 / 106.25MHz
• TTL Bypass Select
• 3.3V Supply, 1.3W
• 64-Pin, 14 mm Thermally Enhanced PQFP
1
0
PBC1
REFCLK
SDU1
CRU1
SDU2
CRU2
OUT1+
OUT1-
1
0
IN2+
IN2-
DISK
DRIVE
#1
(106/53 MHz)
IN1+
IN1-
1
0
PBC2
DISK
DRIVE
#2
1
0
PBC3
DISK
DRIVE
#3
1
0
PBC4
DISK
DRIVE
#4
1
0
PBC5
DISK
DRIVE
#5
1
0
PBC6
DISK
DRIVE
#6
OUT2+
OUT2-
MUX7
1
0
MUX8
CMU
FAILSEL
RFSEL


Similar Part No. - VSC7128

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7121 VITESSE-VSC7121 Datasheet
67Kb / 12P
Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7122 VITESSE-VSC7122 Datasheet
93Kb / 12P
Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7122QM VITESSE-VSC7122QM Datasheet
93Kb / 12P
Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7123 VITESSE-VSC7123 Datasheet
208Kb / 18P
10-Bit Transceiver for Fibre Channel and Gigabit Ethernet
VSC7123QN VITESSE-VSC7123QN Datasheet
208Kb / 18P
10-Bit Transceiver for Fibre Channel and Gigabit Ethernet
More results

Similar Description - VSC7128

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3752 MAXIM-MAX3752 Datasheet
288Kb / 13P
2.125Gbps, 3.3V Quad-Port Bypass with Repeater
19-1701; Rev 2; 2/01
logo
Vitesse Semiconductor C...
VSC7124 VITESSE-VSC7124 Datasheet
128Kb / 8P
Quad Port Bypass Circuit
VSC7140 VITESSE-VSC7140 Datasheet
115Kb / 12P
1.0625 Gb/s Fibre Channel Dual Repeater / Hub Node
logo
PMC-Sierra, Inc
PM8372 PMC-PM8372 Datasheet
279Kb / 2P
4-Port FC/GE Retimer and FC-AL Port Bypass Controller
logo
Vitesse Semiconductor C...
VSC7122 VITESSE-VSC7122 Datasheet
93Kb / 12P
Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7121 VITESSE-VSC7121 Datasheet
67Kb / 12P
Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
logo
PMC-Sierra, Inc
PM8379 PMC-PM8379 Datasheet
78Kb / 2P
20-Port 4.25 Gbit/s FC-AL Cut-Through Switch
logo
Vitesse Semiconductor C...
VSC7148 VITESSE-VSC7148 Datasheet
456Kb / 2P
16-Port JBOD Loop Chip for 1.0625 Gb/s FC-AL Storage Applications
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-57L5AP AVAGO-HFBR-57L5AP Datasheet
460Kb / 18P
Digital Diagnostic SFP 850 nm Transceiver for Fibre Channel 1.0625 Gb/s and Ethernet 1.25 Gb/s
logo
Fuji Electric
EDS9-8I FUJI-EDS9-8I Datasheet
125Kb / 2P
FC SERIES REPEATER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com