Electronic Components Datasheet Search
  English  ▼

X  

VSC7128 Datasheet(PDF) 7 Page - Vitesse Semiconductor Corporation

Part # VSC7128
Description  Hex Port Bypass Circuit / Dual Repeater for 1.0625 Gb/s FC-AL Disk Arrays
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7128 Datasheet(HTML) 7 Page - Vitesse Semiconductor Corporation

Back Button VSC7128 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7128 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7128 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7128 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7128 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7128 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7128 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7128 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7128 Datasheet HTML 10Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 7
8/31/98
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7128
Hex Port Bypass Circuit / Dual Repeater
for 1.0625 Gb/s FC-AL Disk Arrays
G52177-0, Rev. 2.3
Table 2: Pin Description
Pin #
Name
Description
16, 15
63, 62
IN1+, IN1-
IN2+, IN2-
INPUT - Differential. Serial input to CRU1/CRU2 (AC Coupling recommended)
(Biased internally at VDD/2).
20, 19
60, 59
OUT1+, OUT1-
OUT2+, OUT2-
OUTPUT - Differential. Serial output from MUX7/PBC6 (AC Coupling recommended).
26, 25
29, 28
38, 37
41, 40
51, 50
54, 53
LSI1+, LSI1-
LSI2+, LSI2-
LSI3+, LSI3-
LSI4+, LSI4-
LSI5+, LSI5-
LSI6+, LSI6-
INPUT - Differential. Serial input from disk drive ‘x’ to PBCx (AC Coupling
recommended) (Biased internally at VDD/2).
23, 22
32, 31
35, 34
44, 43
47, 46
57, 56
LSO1+, LSO1-
LSO2+, LSO2-
LSO3+, LSO3-
LSO4+, LSO4-
LSO5+, LSO5-
LSO6+, LSO6-
OUTPUT - Differential. Serial output from PBCx to disk drive ‘x’ (AC Coupling
recommended).
24, 30
36, 42
49, 55
1, 13
SEL1, SEL2
SEL3, SEL4
SEL5, SEL6
SEL7, SEL8
INPUT - TTL.
A LOW bypasses the disk drive input and passes the output from the
previous PBC to the output of PBCx. A HIGH selects the disk drive input (LSIx) as the
output of the PBC. SEL7 configures MUX7. SEL8 configures MUX8.
2
REFCLK
INPUT - TTL.. REFerence CLocK at 1/10th or 1/20th the baud rate (Nominally 53.125 or
106.25 MHz) as determined by RFSEL. Used for internal clock multiplier unit.
3
RFSEL
INPUT - TTL. ReFclk SELect. When HIGH, REFCLK is 1/10th the baud rate and would
normally be 106.25 MHz. When LOW, REFCLK is 1/20th the baud rate (53.125 MHz)
4, 14
FAIL1-
FAIL2-
OUTPUT - TTL. When LOW, indicates that the output of CRU1/2 does not contain valid
Fibre Channel data.
12
FAILSEL
INPUT - TTL. Selects the algorithm to drive the FAIL1-/FAIL2- outputs. When HIGH,
the “Multiple Frame Error Mode” is used. When LOW, the “Single Frame Error Mode” is
selected.
7,
10,
11
TEST1
TEST2
TEST3
INPUT - TTL. LOW for factory test, HIGH for normal operation.
5, 17, 27,
48, 64
VDD
Power Supply. 3.3V Supply.
21, 33, 45, 58
VDD1, VDD2,
VDD3, VDD4
High-Speed Output Power Supply. 3.3V Supply for PECL drivers. VDD1 powers OUT1
and LSO1, VDD2 powers LSO2 and LSO3, VDD3 powers LSO4 and LSO5, VDD4
powers LSO6 and OUT2. If the pair of outputs are not used, VDDx may be grounded to
conserve power.
8
VDDA
Analog Power Supply. 3.3V for Clock Multiplier PLL.
6, 9, 18, 39,
52, 61
VSS
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com