Electronic Components Datasheet Search
  English  ▼

X  

DLPC4422AZPC Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC4422AZPC
Description  DLPC4422 DLP Display Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC4422AZPC Datasheet(HTML) 22 Page - Texas Instruments

Back Button DLPC4422AZPC Datasheet HTML 18Page - Texas Instruments DLPC4422AZPC Datasheet HTML 19Page - Texas Instruments DLPC4422AZPC Datasheet HTML 20Page - Texas Instruments DLPC4422AZPC Datasheet HTML 21Page - Texas Instruments DLPC4422AZPC Datasheet HTML 22Page - Texas Instruments DLPC4422AZPC Datasheet HTML 23Page - Texas Instruments DLPC4422AZPC Datasheet HTML 24Page - Texas Instruments DLPC4422AZPC Datasheet HTML 25Page - Texas Instruments DLPC4422AZPC Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
22
DLPC4422
DLPS074 – FEBRUARY 2017
www.ti.com
Product Folder Links: DLPC4422
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
The frequency of OCLKA thru OCLKC is programmable.
(2)
The Duty Cycle of OCLKA thru OCLKC will be within +/- 2 ns of 50%.
6.13 Programmable Output Clocks Switching Characteristics
over operating free air temperature range, CL(min timing) = 5 pF, CL(max timing) = 50 pF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TO (OUTPUT)
MIN
MAX
UNIT
fclock
Clock frequency, OCLKA(1)
OCLKA
0.787
50
MHz
tC
Cycle Time, OCLKA
OCLKA
20
1270.6
ns
tW(H)
Pulse Duration, high(2)
50% to 50% reference points
(signal)
OCLKA
(tC/2_-2)
ns
tW(L)
Pulse Duration, low(2)
50% to 50% reference points
(signal)
OCLKA
(tC/2_-2)
ns
Jitter
OCLKA
350
ps
fclock
Clock frequency, OCLKB(1)
OCLKB
0.787
50
MHz
tC
Cycle Time, OCLKB
OCLKB
20
1270.6
ns
tW(H)
Pulse Duration, high(2)
50% to 50% reference points
(signal)
OCLKB
(tC/2_-2)
ns
tW(L)
Pulse Duration, low(2)
50% to 50% reference points
(signal)
OCLKB
(tC/2_-2)
ns
Jitter
OCLKB
350
ps
fclock
Clock frequency, OCLKC(1)
OCLKC
0.787
50
MHz
tC
Cycle Time, OCLKC(2)
OCLKC
20
1270.6
ns
tW(H)
Pulse Duration, high
50% to 50% reference points
(signal)
OCLKC
(tC/2_-2)
ns
tW(L)
Pulse Duration, low(2)
50% to 50% reference points
(signal)
OCLKC
(tC/2_-2)
ns
Jitter
OCLKC
350
ps
(1)
The SSP can be used as an SSP Master, or as an SSP Slave. When used as a Master, the SSP can be configured to sample DI with
the same internal clock edge used to transmit the next DO. This essentially provides a full cycle rather than a half cycle timing path,
allowing operation at higher SPI clock frequencies.
(2)
The SSP can be configured into four different operational modes/configurations.
6.14 Synchronous Serial Port Interface (SSP) Switching Characteristics
over operating free-air temperature range, CL(min timing) = 5 pF, CL(max timing) = 50 pF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
FROM (INPUT)
TO (OUTPUT)
MIN
MAX
UNIT
fclock
Clock Frequency,
SSPx_CLK
N/A
SSPx_CLK
73
25000
kHz
tc
Cycle time, SSPx_CLK
N/A
SSPx_CLK
0.040
13.6
µs
tW(H)
Pulse Duration, high
50% to 50% reference
points (signal)
N/A
SSPx_CLK
40%
tW(L)
Pulse Duration, low
50% to 50% reference
points (signal)
N/A
SSPx_CLK
40%
SSP Master(1)
tpd
Output Propagation,
Clock to Q, SSPx_DO(2)
SSPx_CLK
↓
SSPx_DO
-5
5
ns
tpd
Output Propagation,
Clock to Q, SSPx_DO(2)
SSPx_CLK
↑
SSPx_DO
-5
5
ns
SSP Slave(1)
tpd
Output Propagation,
Clock to Q, SSPx_DO(2)
SSPx_CLK
↓
SSPx_DO
0
34
ns
tpd
Output Propagation,
Clock to Q, SSPx_DO(2)
SSPx_CLK
↑
SSPx_DO
0
34
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com