Electronic Components Datasheet Search
  English  ▼

X  

DLPC4422AZPC Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC4422AZPC
Description  DLPC4422 DLP Display Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC4422AZPC Datasheet(HTML) 29 Page - Texas Instruments

Back Button DLPC4422AZPC Datasheet HTML 25Page - Texas Instruments DLPC4422AZPC Datasheet HTML 26Page - Texas Instruments DLPC4422AZPC Datasheet HTML 27Page - Texas Instruments DLPC4422AZPC Datasheet HTML 28Page - Texas Instruments DLPC4422AZPC Datasheet HTML 29Page - Texas Instruments DLPC4422AZPC Datasheet HTML 30Page - Texas Instruments DLPC4422AZPC Datasheet HTML 31Page - Texas Instruments DLPC4422AZPC Datasheet HTML 32Page - Texas Instruments DLPC4422AZPC Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
29
DLPC4422
www.ti.com
DLPS074 – FEBRUARY 2017
Product Folder Links: DLPC4422
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
7.3.5 Video Graphics Processing Delay
The DLPC4422 controller introduces a variable number of field/ frame delays dependent on the source type and
selected processing steps performed on the source. For optimum audio/ video synchronization this delay must
be matched in the audio path. The following tables define various video delay scenarios to aid in audio matching.
Frame and Fields in table refer to source frames and fields.
•
For 2-D sources, “N” is defined to be the ratio of the primary channel source frame rate (or field rate for
interlaced video) to the display frame/ field rate.
•
For 3-D sources, “M” is defined to be the ratio of the primary channel source frame rate (or field rate for
interlaced video) required to obtain both the left and right image, to the display frame/field rate (The rate at
which each eye is displayed).
Table 3. Primary Channel/Video-Graphics Processing Delay
Source
3D Video
Decoder
De-Interlacing
Frame Rate
Conversion
FRC Type
Formatter Buffer
Total Delay
50 to 60 Hz
Interlaced SDTV
Video
Disabled
Disabled
2 Fields
Sync (1:4)
M Fields
2 + M Fields
60Hz Progressive
Video
Disabled
Disabled
2 Frames
Sync (1:4)
M Frames
2 + M Frames
120Hz
Progressive Video
Disabled
Disabled
2 Frames
Sync (1:2)
M Frames
2 + M Frames
24Hz 1080p
Disabled
Disabled
1 Frame
Sync (1:6)
M Frames
1 + M Frames
50 to 60 Hz
(720p, 1080p)
Disabled
Disabled
1 Frame
Sync (1:2)
M Frames
1 + M Frames
50 to 60 Hz
1080p
Disabled
Disabled
1 Frame
Sync (1:2)
M Frames
1 + M Frames
60Hz Interlaced
Graphics (VGA-
WUXGA)
Disabled
Disabled
1 Field
Sync (1:4)
M Frames
1 + M Frames
60 Hz Graphics
Disabled
Disabled
1 Frame
Sync (1:4)
M Frames
1 + M Frames
120 Hz Graphics
Disabled
Disabled
1 Frame
Sync (1:2)
M Fields
1 + M Fields
50 to 60 Hz
Interlaced
Disabled
Disabled
1 Field
Sync(1:2)
M Fields
1 + M Fields
50 to 60 Hz
Progressive
Disabled
Disabled
1 Frame
Sync(1:2)
M Frames
1 + M Frames
(1)
Assumes a maximum single direction trace length of 75 mm.
7.3.6 Program Memory Flash/SRAM Interface
The DLPC4422 controller provides three external program memory chip selects:
•
PM_CSZ_0 – available for optional SRAM or flash device (
≤ 128 Mb)
•
PM_CSZ_1 – dedicated CS for boot flash device (ie. Standard NOR-type flash,
≤ 128 Mb)
•
PM_CSZ_2 – available for optional SRAM or flash device (
≤ 128 Mb)
Flash and SRAM access timing is software programmable up to 31 wait states. Wait state resolution is 6.7 ns in
normal mode and 53.33 ns in low power modes. Wait state program values for typical flash access times are
shown in the Table 4.
Table 4. Wait State Program Values for Typical Flash Access Times
Normal Mode (1)
Low Power Mode(1)
Formula to Calculate the
Required Wait State Value
= Roundup (Device_Access_Time / 6.7 ns)
= Roundup
(Device_Access_Time / 53.33
ns)
Max Supported Device Access
Time
207 ns
1660 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com