Electronic Components Datasheet Search
  English  ▼

X  

DLPC4422AZPC Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC4422AZPC
Description  DLPC4422 DLP Display Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC4422AZPC Datasheet(HTML) 39 Page - Texas Instruments

Back Button DLPC4422AZPC Datasheet HTML 35Page - Texas Instruments DLPC4422AZPC Datasheet HTML 36Page - Texas Instruments DLPC4422AZPC Datasheet HTML 37Page - Texas Instruments DLPC4422AZPC Datasheet HTML 38Page - Texas Instruments DLPC4422AZPC Datasheet HTML 39Page - Texas Instruments DLPC4422AZPC Datasheet HTML 40Page - Texas Instruments DLPC4422AZPC Datasheet HTML 41Page - Texas Instruments DLPC4422AZPC Datasheet HTML 42Page - Texas Instruments DLPC4422AZPC Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
39
DLPC4422
www.ti.com
DLPS074 – FEBRUARY 2017
Product Folder Links: DLPC4422
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Layout Guidelines (continued)
High frequency decoupling is required for both 1.1-V and 1.8-V PLL supplies and should be provided as close as
possible to each of the PLL supply package pins. TI recommends placing decoupling capacitors under the
package on the opposite side of the board. Use high quality, low-ESR, monolithic, surface mount capacitors.
Typically 0.1µF for each PLL supply should be sufficient. The length of a connecting trace increases the parasitic
inductance of the mounting and thus, where possible, there should be no trace, allowing the via to butt up
against the land itself. Additionally, the connecting trace should be made as wide as possible. Further
improvement can be made by placing vias to the side of the capacitor lands or doubling the number of vias.
The location of bulk decoupling depends on the system design.
10.1.2 PCB Layout Guidelines for Auto-Lock Performance
One of the most important factors in getting good performance from Auto-Lock is to design the PCB with the
highest quality signal integrity possible. TI recommends the following:
•
Place the ADC chip as close to the VESA/Video connectors as possible.
•
Avoid crosstalk to the analog signals by keeping them away from digital signals
•
Do not place the digital ground or power planes under the analog area between the VESA connector to the
ADC chip.
•
Avoid crosstalk onto the RGB analog signals, by separating them from the VESA Hsync and Vsync signals.
•
Analog power should not be shared with the digital power directly.
•
Try to keep the trace lengths of the RGB as equal as possible.
•
Use good quality (1%) termination resistors for the RGB inputs to the ADC
•
If the green channel must be connected to more than the ADC green input and ADC sync-on-green input,
provide a good quality high impendence buffer to avoid adding noise to the green channel.
10.1.3 DMD Interface Considerations
High speed interface waveform quality and timing on the DLPC4422 device (i.e. the LVDS DMD Interface) is
dependent on the total length of the interconnect system, the spacing between traces, the characteristic
impedance, etch losses, and how well matched the lengths are across the interface. Thus ensuring positive
timing margin requires attention to many factors.
As an example, DMD Interface system timing margin can be calculated as follows:
•
Setup Margin = (DLPC4422 output setup) – (DMD input setup) – (PCB routing mismatch) – (PCB SI
degradation)
•
Hold-time Margin = (DLPC4422 output hold) – (DMD input hold) – (PCB routing mismatch) – (PCB SI
degradation)
Where PCB SI degradation is signal integrity degradation due to PCB effects, which include simultaneously
switching output (SSO) noise, cross-talk and inter-symbol interference (ISI) noise. The DLPC4422 device I/O
timing parameters as well as DMD I/O timing parameters can be easily found in their corresponding datasheets.
Similarly, PCB routing mismatch can be budgeted and met through controlled PCB routing. However, PCB SI
degradation is not so straight forward.
In an attempt to minimize the signal integrity analysis that would otherwise be required, the following PCB design
guidelines are provided as a reference of an interconnect system that satisfies both waveform quality and timing
requirements (accounting for both PCB routing mismatch and PCB SI degradation). Variation from these
recommendations may also work, but should be confirmed with PCB signal integrity analysis or lab
measurements
PDB Design:
● Configuration
Asymmetric Dual Stripline
● Etch Thickness
1.0 oz copper (1.2 mil)
● Flex Etch Thickness
0.5 oz copper (0.6 mil)
● Single Ended Signal Impedance
50 ohms (+/- 10%)
● Differential Signal Impedance
100 ohms differential (+/- 10%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com