| Electronic Components Datasheet Search |
|
DLPC4422AZPC Datasheet(PDF) 7 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DLPC4422AZPC Datasheet(HTML) 7 Page - Texas Instruments |
|
7 / 49 page ![]() 7 DLPC4422 www.ti.com DLPS074 – FEBRUARY 2017 Product Folder Links: DLPC4422 Submit Documentation Feedback Copyright © 2017, Texas Instruments Incorporated Pin Configurations and Functions (continued) PIN (1) I/O (2) DESCRIPTION NAME NO. ALF_HSYNC AD11 I4 Autolock dedicated horizontal sync. This signal includes an internal pull-down and uses hysteresis. ALF_CSYNC AE11 I4 Autolock dedicated composite sync (sync on green). This signal includes an internal pull-down and uses hysteresis. DMD RESET and BIAS CONTROL DADOEZ AE7 O5 DAD1000 / DAD2000 Output Enable (active low) DADADDR_3 AD6 O5 DAD1000 / DAD2000 address DADADDR_2 AE5 O5 DADADDR_1 AF4 O5 DADADDR_0 AB8 O5 DADMODE_1 AD7 O5 DAD1000 / DAD2000 modes DADMODE_0 AE6 O5 DADSEL_1 AE4 O5 DAD1000 / DAD2000 select DADSEL_0 AC7 O5 DADSTRB AF5 O5 DAD1000 / DAD2000 strobe DAD_INTZ AC8 I4 DAD1000 / DAD2000 interrupt (active low). This signal typically requires an external pull-up and uses hysteresis. DMD LVDS INTERFACE DCKA_P V4 O7 DMD, LVDS I/F channel A, differential clock DCKA_N V3 O7 SCA_P V2 O7 DMD, LVDS I/F channel A, differential serial control SCA_N V1 O7 DDA_P_15 P4 O7 DMD, LVDS I/F channel A, differential serial data DDA_N_15 P3 O7 DMD, LVDS I/F channel A, differential serial data DDA_P_14 P2 O7 DMD, LVDS I/F channel A, differential serial data DDA_N_14 P1 O7 DMD, LVDS I/F channel A, differential serial data DDA_P_13 R4 O7 DMD, LVDS I/F channel A, differential serial data DDA_N_13 R3 O7 DMD, LVDS I/F channel A, differential serial data Input Bus B Data bit 9. 100-Ω internal LVDS termination. DDA_P_12 R2 O7 DMD, LVDS I/F channel A, differential serial data DDA_N_12 R1 O7 DMD, LVDS I/F channel A, differential serial data DDA_P_11 T4 O7 DMD, LVDS I/F channel A, differential serial data DDA_N_11 T3 O7 DMD, LVDS I/F channel A, differential serial data DDA_P_10 T2 O7 DMD, LVDS I/F channel A, differential serial data DDA_N_10 T1 O7 DMD, LVDS I/F channel A, differential serial data DDA_P_9 U4 O7 DMD, LVDS I/F channel A, differential serial data DDA_N_9 U3 O7 DMD, LVDS I/F channel A, differential serial data DDA_P_8 U2 O7 DMD, LVDS I/F channel A, differential serial data DDA_N_8 U1 O7 DMD, LVDS I/F channel A, differential serial data DDA_P_7 W4 O7 DMD, LVDS I/F channel A, differential serial data DDA_N_7 W3 O7 DMD, LVDS I/F channel A, differential serial data DDA_P_6 W2 O7 DMD, LVDS I/F channel A, differential serial data DDA_N_6 W1 O7 DMD, LVDS I/F channel A, differential serial data DDA_P_5 Y2 O7 DMD, LVDS I/F channel A, differential serial data DDA_N_5 Y1 O7 DMD, LVDS I/F channel A, differential serial data DDA_P_4 Y4 O7 DMD, LVDS I/F channel A, differential serial data DDA_N_4 Y3 O7 DMD, LVDS I/F channel A, differential serial data DDA_P_3 AA2 O7 DMD, LVDS I/F channel A, differential serial data DDA_N_3 AA1 O7 DMD, LVDS I/F channel A, differential serial data DDA_P_2 AA4 O7 DMD, LVDS I/F channel A, differential serial data DDA_N_2 AA3 O7 DMD, LVDS I/F channel A, differential serial data DDA_P_1 AB2 O7 DMD, LVDS I/F channel A, differential serial data DDA_N_1 AB1 O7 DMD, LVDS I/F channel A, differential serial data DDA_P_0 AC2 O7 DMD, LVDS I/F channel A, differential serial data DDA_N_0 AC1 O7 DMD, LVDS I/F channel A, differential serial data DCKB_P J3 O7 DMD, LVDS I/F channel A, differential clock DCKB_N J4 O7 DMD, LVDS I/F channel A, differential clock |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |