Electronic Components Datasheet Search
  English  ▼

X  

OPA607 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607
Description  OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA607 Datasheet(HTML) 23 Page - Texas Instruments

Back Button OPA607 Datasheet HTML 19Page - Texas Instruments OPA607 Datasheet HTML 20Page - Texas Instruments OPA607 Datasheet HTML 21Page - Texas Instruments OPA607 Datasheet HTML 22Page - Texas Instruments OPA607 Datasheet HTML 23Page - Texas Instruments OPA607 Datasheet HTML 24Page - Texas Instruments OPA607 Datasheet HTML 25Page - Texas Instruments OPA607 Datasheet HTML 26Page - Texas Instruments OPA607 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
+
RS
R
L
C
L
V
IN
V
O
23
OPA810
www.ti.com
SBOS799A – AUGUST 2019 – REVISED DECEMBER 2019
Product Folder Links: OPA810
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 OPA810 Architecture
The OPA810 features a true high-impedance input stage including a JFET differential-input pair main stage and
a CMOS differential-input auxiliary (aux) stage operational within 2.5 V of the positive supply voltage. The bias
current is limited to a maximum of 20 pA throughout the common-mode input range of the amplifier. The
Functional Block Diagram section provides a block diagram representation for the input stage of the OPA810.
The amplifier exhibits superior performance for high-speed signals (distortion, noise, and input offset voltage)
while the aux stage enables rail-to-rail inputs and prevents phase reversal. The device exhibits a CMRR and
PSRR of 75 dB (typical) when the input common-mode is in aux stage.
The OPA810 also includes input clamps that enable the maximum input differential voltage of up to 7 V (lower of
7 V and total supply voltage). This architecture offers significantly greater differential input voltage capability as
compared to one to two times the diode forward voltage drop maximum rating in standard amplifiers, and makes
this device suitable for use with multiplexers and processing of signals with fast transients. The input bias
currents are also clamped to maximum 300 µA, as Figure 54 shows, which does not load the previous driver
stage or require current-limiting resistors (except limiting current through the input ESD diodes when input
common-mode voltages are greater than the supply voltages). This feature also enables this amplifier to be used
as a comparator in systems that require an amplifier and a comparator for signal gain and fault detection,
respectively. For the lowest offset, distortion, and noise performance, limit the common-mode input voltage to the
main JFET-input stage (greater than 2.5 V away from the positive supply).
The OPA810 is a rail-to-rail output amplifier and swings to either of the rails at the output, as shown in Figure 15
for 10-V supply operation. This is particularly useful for inputs biased near the rails or when the amplifier is
configured in a closed-loop gain such that the output approaches the supply voltage. When the output saturates,
it recovers with 55 ns when inputs exceed the supply voltages by 0.5 V in an G = –1 V/V inverting gain with a
10–V supply. The outputs are short-circuit protected with the limits of Figure 16.
As Figure 60 shows, an amplifier phase margin reduces and becomes unstable when driving a capacitive load
(CL) at its output. Using a series resistor (RS) between the amplifier output and load capacitance introduces a
zero that cancels the pole formed by the amplifier output impedance and CL in the open-loop transfer function.
The OPA810 drives capacitive loads of up to 10 pF without causing instability. It is recommended to use a series
resistor for larger load capacitance values, as Figure 3 shows for OPA810 configured as a unity-gain buffer. As
Figure 4 shows, when used in a gain larger than 1 V/V, the OPA810 is able to drive a load capacitance larger
than 10 pF without the need for a series resistor at its output.
Figure 60. OPA810 Driving Capacitive Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com