| Electronic Components Datasheet Search |
|
OPA607 Datasheet(PDF) 26 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
OPA607 Datasheet(HTML) 26 Page - Texas Instruments |
|
26 / 50 page ![]() § · ¨ ¸ © ¹ F O IN REF G R V V V R § · ¨ ¸ © ¹ F O IN REF G R V V 1 V R + ± VIN RG VREF VREF RF VSIG VREF -(RF/RG)VSIG VO VS+ VS- + ± VIN RG VREF VREF RF VSIG VREF (1+RF/RG)VSIG VO VS+ VS- 26 OPA810 SBOS799A – AUGUST 2019 – REVISED DECEMBER 2019 www.ti.com Product Folder Links: OPA810 Submit Documentation Feedback Copyright © 2019, Texas Instruments Incorporated Application Information (continued) 9.1.2 Selection of Feedback Resistors The OPA810 is a classic voltage feedback amplifier with each channel having two high-impedance inputs and a low-impedance output. Standard application circuits (as shown in Figure 64 and Figure 65) include the noninverting and inverting gain configurations. The DC operating point for each configuration is level-shifted by the reference voltage VREF which is typically set to midsupply in single-supply operation. VREF is often connected to ground in split-supply applications. Figure 64. Noninverting Amplifier Figure 65. Inverting Amplifier The closed-loop gain of an amplifier in noninverting configuration is shown in Equation 1. (3) The closed-loop gain of an amplifier in an inverting configuration is shown in Equation 2. (4) The magnitude of the low-frequency gain is determined by the ratio of the magnitudes of the feedback resistor (RF) and the gain setting resistor RG. The order of magnitudes of the individual values of RF and RG offer a trade- off between amplifier stability, power dissipated in the feedback resistor network, and total output noise. The feedback network increases the loading on the amplifier output. Using large values of the feedback resistors reduces the power dissipated at the amplifier output. On the other hand, this increases the inherent voltage and amplifier current noise contribution seen at the output while lowering the frequency at which a pole occurs in the feedback factor (β). This pole causes a decrease in the phase margin at zero-gain crossover frequency and potential instability. Using small feedback resistors increases power dissipation and also degrades amplifier linearity due to a heavier amplifier output load. Figure 66 illustrates a representative schematic of the OPA810 in an inverting configuration with the input capacitors shown. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |