Electronic Components Datasheet Search
  English  ▼

X  

OPA607 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607
Description  OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA607 Datasheet(HTML) 24 Page - Texas Instruments

Back Button OPA607 Datasheet HTML 20Page - Texas Instruments OPA607 Datasheet HTML 21Page - Texas Instruments OPA607 Datasheet HTML 22Page - Texas Instruments OPA607 Datasheet HTML 23Page - Texas Instruments OPA607 Datasheet HTML 24Page - Texas Instruments OPA607 Datasheet HTML 25Page - Texas Instruments OPA607 Datasheet HTML 26Page - Texas Instruments OPA607 Datasheet HTML 27Page - Texas Instruments OPA607 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
+
VS+
VS±
VIN+
VO
Power Sup ply
ESD Cell
VIN±
300 A
ICLAMP
±
24
OPA810
SBOS799A – AUGUST 2019 – REVISED DECEMBER 2019
www.ti.com
Product Folder Links: OPA810
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Feature Description (continued)
8.3.2 ESD Protection
As Figure 61 shows, all device pins are protected with internal ESD protection diodes to the power supplies.
These diodes provide moderate protection to input overdrive voltages above the supplies. The protection diodes
can typically support 10-mA continuous input and output currents. The differential input clamps only limit the bias
current when the input common-mode voltages are within the supply voltage range, whereas current-limiting
series resistors must be added at the inputs if common-mode voltages higher than the supply voltages are
possible. Keep these resistor values as low as possible because using high values degrades noise performance
and frequency response.
Figure 61. Internal ESD Protection
8.4 Device Functional Modes
8.4.1 Split-Supply Operation (±2.375 V to ±13.5 V)
To facilitate testing with common lab equipment, the OPA810 can be configured to allow for split-supply
operation (see the OPA2810DGK Evaluation Module user guide). This configuration eases lab testing because
the mid-point between the power rails is ground, and most signal generators, network analyzers, oscilloscopes,
spectrum analyzers, and other lab equipment reference the inputs and outputs to ground. Figure 62 depicts the
OPA810 configured as a noninverting amplifier and Figure 63 illustrates the OPA810 configured as an inverting
amplifier. For split-supply operation referenced to ground, the power supplies VS+ and VS- are symmetrical around
ground and VREF is at GND. Split-supply operation is preferred in systems where the signals swing around
ground because of the ease-of-use; however, the system requires two supply rails.
8.4.2 Single-Supply Operation (4.75 V to 27 V)
Many newer systems use a single power supply to improve efficiency and reduce the cost of the extra power
supply. The OPA810 can be used with a single supply (with the negative supply set to ground) with no change in
performance if the input and output are biased within the linear operation of the device. To change the circuit
from split supply to a balanced, single-supply configuration, level shift all voltages by half the difference between
the power-supply rails. An additional advantage of configuring an amplifier for single-supply operation is that the
effects of PSRR are minimized because the low-supply rail is grounded. See the Single-Supply Op Amp Design
Techniques application report for examples of single-supply designs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com