Electronic Components Datasheet Search
  English  ▼

X  

DM9601 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # DM9601
Description  USB Ethernet MAC Controller with Intergrated 10/100 PHY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9601 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button DM9601 Datasheet HTML 15Page - List of Unclassifed Manufacturers DM9601 Datasheet HTML 16Page - List of Unclassifed Manufacturers DM9601 Datasheet HTML 17Page - List of Unclassifed Manufacturers DM9601 Datasheet HTML 18Page - List of Unclassifed Manufacturers DM9601 Datasheet HTML 19Page - List of Unclassifed Manufacturers DM9601 Datasheet HTML 20Page - List of Unclassifed Manufacturers DM9601 Datasheet HTML 21Page - List of Unclassifed Manufacturers DM9601 Datasheet HTML 22Page - List of Unclassifed Manufacturers DM9601 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 58 page
background image
DM9601
USB to Ethernet MAC Controller with Integrated 10/100 PHY
Final
19
Version: DM9601-DS-F01
June 22, 2002
Key to Default
In the register description that follows, the default column
takes the form:
<Reset Value>, <Access Type>
Where:
<Reset Value>:
1
Bit set to logic one
0
Bit set to logic zero
X
No default value
<Access Type>:
RO = Read only
RW = Read/Write
R/C = Read and Clear
RW/C1=Read/Write and Cleared by write 1
WO = Write only
Reserved bits are shaded and should be written with 0.
Reserved bits are undefined on read access.
10.1 Network Control Register (00H)
Bit
Name
Default
Description
7
EXT_PHY
0,RW
Select External PHY When Set
When clear select Internal PHY. This bit will not be affected after a software reset
6
WAKEEN
0,RW
Wakeup Event Enable
When set, it enables the wakeup function. Clearing this bit will also clear all wakeup
event status.
This bit will not be affected after a software reset.
5
RESERVED
0,RO
Reserved
4
FCOL
0,RW
Force Collision Mode, used for testing.
3
FDX
0,RW
Full-Duplex Mode. Read only on Internal PHY mode. R/W on External PHY mode
2:1
LBK
00,RW
Loopback Mode
Bit 2 1
0
0
normal
0
1
MAC internal loopback
1
0
internal PHY digital loopback
1
1
internal PHY analog loopback
0
RST
0,RW
Software reset and auto clear after 10us
10.2 Network Status Register (01H)
Bit
Name
Default
Description
7
SPEED
X,RO
Media speed 0:100Mbps 1:10Mbps, when internal PHY is used. This bit is no
meaning when LINKST=0
6
LINKST
X,RO
Link status 0:link failed 1:link OK, when internal PHY is used
5
WAKEST
0,RW/C1
Wakeup Event Status
Clears by read or write 1. This bit will not be affected after a software reset
4
TXFULL
0,RO
TX FIFO Full
When there are two packets in TX SRAM, TX FIFO FULL will be set
3
TX2END
0,RW/C1
TX Packet 2 Complete Status
Clears by read or write 1.Transmit completion of packet index 2
2
TX1END
0,RW/C1
TX Packet 1 Complete Status
Clears by read or write 1. Transmit completion of packet index 1
1
RXOV
0,RO
RX FIFO Overflow
0
RXRDY
0,RO
RX Packet Ready, there are one or more packets in RX FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com