Electronic Components Datasheet Search
  English  ▼

X  

DM9601 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DM9601
Description  USB Ethernet MAC Controller with Intergrated 10/100 PHY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9601 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DM9601 Datasheet HTML 1Page - List of Unclassifed Manufacturers DM9601 Datasheet HTML 2Page - List of Unclassifed Manufacturers DM9601 Datasheet HTML 3Page - List of Unclassifed Manufacturers DM9601 Datasheet HTML 4Page - List of Unclassifed Manufacturers DM9601 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9601 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9601 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9601 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9601 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
DM9601
USB to Ethernet MAC Controller with Integrated 10/100 PHY
2
Final
Version: DM9601-DS-F01
June 22, 2002
Table of Contents
1. General Description ..............................................1
2. Block Diagram……………………………………… 1
3. Features ................................................................4
3.1 USB Characteristics............................................4
3.2 Tansceiver ..........................................................4
3.3 Other ...................................................................4
4. Pin Configuration ..................................................5
5. Pin Description......................................................6
5.1 MII Interface ........................................................6
5.2 EEPROM Interface .............................................6
5.3 USB Interface.......................................................... 6
5.4 Clock Interface ....................................................7
5.5 LED Interface ......................................................7
5.6 10/100 PHY/Fiber ...............................................7
5.7 Miscellaneous Pins .............................................7
5.8 Power Pins..........................................................8
6. USB Standard Command .....................................9
6.1 Supported Standard Command ..........................9
6.2 Not Support Standard Commend .......................9
7. Vendor Command....................................................10
7.1 Register Type....................................................10
7.2 Memory Type ....................................................11
8. Interface 0 Configuration.....................................12
8.1 Endpoint 1.........................................................12
8.2 Endpoint 2.........................................................12
8.3 Endpoint 3.........................................................12
9. Descriptor Values................................................13
9.1 Device Descriptor/18-Byte ................................13
9.2 Configuration0 Descriptor/8-Byte ........................14
9.3 Interface0 Descriptor/9-Byte .............................14
9.4 Endpoint1 Descriptor/6-Byte.............................15
9.5 Endpoint3 Descriptor/6-Byte.............................16
9.6 String0 Descriptor/Code array ..........................16
9.7 Descriptor of string1/2/3 are loaded from
EEPROM .........................................................17
10. Vendor Control and Status Register Set...........18
10.1 Network Control Register (00H)......................19
10.2 Network Status Register (01H) .......................19
10.3 TX Control Register (02H) ..............................20
10.4 TX Status Register I (03H)..............................20
10.5 TX Status Register II (04H).............................21
10.6 RX Control Register (05H) ..............................21
10.7 RX Status Register (06H) ...............................21
10.8 Receive Overflow Counter Register (07H) .....22
10.9 Back Pressure Threshold Register (08H) .......22
10.10 Flow Control Threshold Register (09H) ........22
10.11 RX/TX Flow Control Register (0AH) .............22
10.12 EEPROM & PHY Control Register (0BH) .....23
10.13 EEPROM & PHY Address Register (0CH) ...23
10.14 EEPROM & PHY Data
Register(EE_PHY_L:0DH EE_PHY_H:0EH) ..23
10.15 Wake Up Control Register (0FH)..................24
10.16 Physical Address Register (10H~15H) .........24
10.17 Multicast Address Register (16H~1DH)........24
10.18 General Purpose Control Register
(1EH)……….………………………………….….24
10.19 General Purpose Register (1FH) ..................25
10.20 TX SRAM Write Pointer Address Register
(20H~21H) .......................................................25
10.21 TX SRAM read Pointer Address Register
(22H~23H) .......................................................25
10.22 RX SRAM Write Pointer Address Register
(24H~25H) .......................................................25
10.23 RX SRAM Write Pointer Address Register
(26H~27H) .......................................................25
10.24 Vendor ID Register (28H~29H).....................26
10.25 Product ID Register (2AH~2BH) ...................26
10.26 Chip Revision Register (2CH).......................26
10.27 USB Device Address Register (F0H)............26
10.28 Receive Packet Counter Register (F1H) ......26
10.29 Transmit Packet Counter/USB Status Register
(F2H)................................................................26
10.30 USB Control Register (F4H) ........................27
10.31 EEPROM Format ……………………………..27
11. MII Register Description....................................28
11.1 Basic Mode Control Register (BMCR) – 00 ....29
11.2 Basic Mode Status Register (BMSR) – 01......30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com