Electronic Components Datasheet Search
  English  ▼

X  

DM9601 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # DM9601
Description  USB Ethernet MAC Controller with Intergrated 10/100 PHY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9601 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button DM9601 Datasheet HTML 41Page - List of Unclassifed Manufacturers DM9601 Datasheet HTML 42Page - List of Unclassifed Manufacturers DM9601 Datasheet HTML 43Page - List of Unclassifed Manufacturers DM9601 Datasheet HTML 44Page - List of Unclassifed Manufacturers DM9601 Datasheet HTML 45Page - List of Unclassifed Manufacturers DM9601 Datasheet HTML 46Page - List of Unclassifed Manufacturers DM9601 Datasheet HTML 47Page - List of Unclassifed Manufacturers DM9601 Datasheet HTML 48Page - List of Unclassifed Manufacturers DM9601 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 58 page
background image
DM9601
USB to Ethernet MAC Controller with Integrated 10/100 PHY
Preliminary
45
Version: DM9601-DS-P01
June 22, 2001
13.5 AC Electrical Characteristics & Timing Waveforms
13.5.1 TP Interface
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
tTR/F
100TX+/- Differential Rise/Fall Time
3.0
---
5.0
ns
TTM
100TX+/- Differential Rise/Fall Time Mismatch
0
---
0.5
ns
TTDC
100TX+/- Differential Output Duty Cycle
Distortion
0
---
0.5
ns
tT/T
100TX+/- Differential Output Peak-to-Peak Jitter
0
---
1.4
ns
XOST
100TX+/- Differential Voltage Overshoot
0
---
5
%
13.5.2 Oscillator/Crystal Timing
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
TCKC
OSC Cycle Time
39.998
40
40.002
ns
50ppm
TPWH
OSC Pulse Width High
16
20
24
ns
TPWL
OSC Pulse Width Low
16
20
24
ns
13.5.3 USB Transceiver Interface AC Specification
Symbol
Parameter
Condition
Min
Max
Unit
TFR
Rise time
CL=50pf
4
20
ns
TFF
Fall time
CL=50pf
4
20
ns
Tfrfm
Rise time / Fall time
matching
90
111.1
%
VCRS
Output voltage cross point
1.3
2.0
V
13.5.4 External MII Interface Transmit Timing
TXCK
TXEN
TXD[3:0]
T1
∫∫
←
→
←→
∫∫
T2
∫∫



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com