Electronic Components Datasheet Search
  English  ▼

X  

DM9601 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DM9601
Description  USB Ethernet MAC Controller with Intergrated 10/100 PHY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9601 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DM9601 Datasheet HTML 1Page - List of Unclassifed Manufacturers DM9601 Datasheet HTML 2Page - List of Unclassifed Manufacturers DM9601 Datasheet HTML 3Page - List of Unclassifed Manufacturers DM9601 Datasheet HTML 4Page - List of Unclassifed Manufacturers DM9601 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9601 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9601 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9601 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9601 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
DM9601
USB to Ethernet MAC Controller with Integrated 10/100 PHY
Final
1
Version: DM9601-DS-F01
June 22, 2002
1. General Description
The DM9601 is a fully integrated and cost-effective
single chip USB to Fast Ethernet MAC controller with
10/100 PHY. It is designed with the low power and
high performance process. It is a 3.3V device with 5V
tolerance and it supports 3.3V and 5V signaling.
The DM9601 provides USB transceiver which is compliant
with USB1.1, 10/100M PHY, MAC controller, memory
controller and an external MII interface, to connect
HPNA device or other transceivers that support MII
interface. This chip already integrates into 16K byte
SRAM. The DM9601 has interfaces to the UTP3, 4, 5 in
10Base-T and UTP5 in 100Base-TX. It is fully compliant with
the IEEE 802.3u Spec. Its auto-negotiation function will
automatically configure the DM9601 to take the maximum
advantage of its abilities. The DM9601 also supports IEEE
802.3x full-duplex flow control.
The DM9601 supports 3 wake-up event to wake-up system
from suspend mode. There are 7 GPIO pins (General
purpose I/O) for user’s application.
2. Block Diagram
EEPROM
Interface
External MII
Interface
LED
TX+/-
RX+/-
MII Management
Control
& MII Register
Autonegotiation
Memory
Management
RX Machine
TX Machine
MAC
MII
100 Base-TX
PCS
100 Base-TX
transceiver
10 Base-T
Tx/Rx
PHYceiver
Control &Status
Registers
Internal
SRAM
DM
DP


Similar Part No. - DM9601

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM9601 NSC-DM9601 Datasheet
147Kb / 6P
Retriggerable One Shot
logo
Pulse A Technitrol Comp...
DM9601 PULSE-DM9601 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Davicom Semiconductor, ...
DM9601E DAVICOM-DM9601E Datasheet
129Kb / 2P
USB to Ethernet MAC Controller with Integrated 10/100 PHY
logo
National Semiconductor ...
DM9601J NSC-DM9601J Datasheet
147Kb / 6P
Retriggerable One Shot
DM9601N NSC-DM9601N Datasheet
147Kb / 6P
Retriggerable One Shot
More results

Similar Description - DM9601

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM9000 ETC-DM9000 Datasheet
575Kb / 54P
ISA TO ETHERNET MAC CONTROLLER WITH INTEGRATED 10/100 PHY
logo
SMSC Corporation
LAN91C111 SMSC-LAN91C111 Datasheet
1Mb / 142P
10/100 Non-PCI Ethernet Single Chip MAC PHY
logo
List of Unclassifed Man...
IP100ALF ETC2-IP100ALF Datasheet
1Mb / 97P
Integrated 10/100 Ethernet MAC PHY
logo
Teridian Semiconductor ...
78Q8430 TERIDIAN-78Q8430 Datasheet
1Mb / 88P
10/100 Ethernet MAC and PHY
logo
Davicom Semiconductor, ...
DM9000 DAVICOM-DM9000_09 Datasheet
602Kb / 53P
ISA to Ethernet MAC Controller with Integrated 10/100 PHY
DM9601E DAVICOM-DM9601E Datasheet
129Kb / 2P
USB to Ethernet MAC Controller with Integrated 10/100 PHY
logo
Microchip Technology
LAN91C111 MICROCHIP-LAN91C111 Datasheet
1Mb / 125P
10/100 Non-PCI Ethernet Single Chip MAC PHY
06/23/16
logo
SMSC Corporation
LAN91C111 SMSC-LAN91C111_11 Datasheet
1Mb / 133P
10/100 Non-PCI Ethernet Single Chip MAC PHY
logo
Maxim Integrated Produc...
78Q8430 MAXIM-78Q8430 Datasheet
1Mb / 88P
78Q8430 10/100 Ethernet MAC and PHY
Rev. 1.2
logo
ON Semiconductor
NCN26010 ONSEMI-NCN26010 Datasheet
454Kb / 57P
10 Mb/s Industrial Ethernet MAC PHY IC Controller
June, 2022 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com