Electronic Components Datasheet Search
  English  ▼

X  

626 Datasheet(PDF) 2 Page - CTS Corporation

Part # 626
Description  Very Low Jitter LVPECL or LVDS Clock
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

626 Datasheet(HTML) 2 Page - CTS Corporation

  626 Datasheet HTML 1Page - CTS Corporation 626 Datasheet HTML 2Page - CTS Corporation 626 Datasheet HTML 3Page - CTS Corporation 626 Datasheet HTML 4Page - CTS Corporation 626 Datasheet HTML 5Page - CTS Corporation 626 Datasheet HTML 6Page - CTS Corporation 626 Datasheet HTML 7Page - CTS Corporation 626 Datasheet HTML 8Page - CTS Corporation 626 Datasheet HTML 9Page - CTS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
©2017 CTS® Corporation. Information/product(s) subject to change. No warranty that product(s) will meet the stated specifications for customer specific applications or test
equipment. Visit www.ctscorp.com for list of applicable patent(s), more information, or to request a quote.
Model 626
Very Low Jitter LVPECL or LVDS Clock
DOC# 008-0586-0 Rev. C
Page 2 of 10
Electrical Specifications
Operating Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Maximum Supply Voltage
VCC
-
-0.3
-
4.0
V
1.710
1.8
1.890
2.375
2.5
2.625
3.135
3.3
3.465
Supply Current
LVPECL
-
45
70
LVDS
-
30
40
LVDS
VCC = +1.8V @ maximum load
-
7
20
-20
+70
-40
+85
-40
+105
Storage Temperature
TSTG
-
-50
-
+125
°C
Frequency Stability
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Frequency Range
LVPECL
LVDS
Frequency Stability
[Note 2]
Δf/fO
-
±ppm
Aging
Δf/f25
First Year @ +25°C, nominal VCC
-5
-
5
ppm
Output Parameters
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Output Type
-
-
-
Output Load
RL
Terminated to VCC - 2.0V
-
50
-
Ohms
VOH
VCC - 1.025
-
VCC - 0.880
VOL
VCC - 1.810
-
VCC - 1.620
VOH
VCC - 1.085
-
VCC - 0.880
VOL
VCC - 1.830
-
VCC - 1.555
Output Duty Cycle
SYM
@ VCC - 1.3V
45
-
55
%
Rise and Fall Time
TR, TF
@ 20%/80% Levels, RL = 50 Ohms
-
0.3
0.7
ns
Output Type
-
-
-
Output Load
RL
Between Outputs
-
100
-
Ohms
VOH
-
1.43
1.60
VOL
0.90
1.10
-
Output Duty Cycle
SYM
@ 1.25V
45
-
55
%
Differential Output Voltage
VOD
RL = 100 Ohms
247
330
454
mV
Offset Voltage
VOS
LVDS Load
1.125
1.25
1.375
V
Rise and Fall Time
TR, TF
@ 20%/80% Levels, RL = 100 Ohms
-
0.4
0.7
ns
LVDS
LVPECL
2.] Inclusive of initial tolerance at time of shipment, changes in supply voltage, load, temperature and 1st year aging.
6 - 220
MHz
6 - 220
20, 25, 30, 50 or 100
fO
-
Operating Temperature
1.] LVDS output only for +1.8V option.
Supply Voltage
[Note 1]
VCC
Output Voltage Levels
PECL Load, -20°C to +70°C
V
PECL Load, -40°C to +85°C
V
Output Voltage Levels
LVDS Load
V
±5%
V
TA
-
+25
°C
ICC
VCC = +3.3V or +2.5V @ maximum load
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com