Electronic Components Datasheet Search
  English  ▼

X  

626 Datasheet(PDF) 1 Page - CTS Corporation

Part # 626
Description  Very Low Jitter LVPECL or LVDS Clock
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

626 Datasheet(HTML) 1 Page - CTS Corporation

  626 Datasheet HTML 1Page - CTS Corporation 626 Datasheet HTML 2Page - CTS Corporation 626 Datasheet HTML 3Page - CTS Corporation 626 Datasheet HTML 4Page - CTS Corporation 626 Datasheet HTML 5Page - CTS Corporation 626 Datasheet HTML 6Page - CTS Corporation 626 Datasheet HTML 7Page - CTS Corporation 626 Datasheet HTML 8Page - CTS Corporation 626 Datasheet HTML 9Page - CTS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2017 CTS® Corporation. Information/product(s) subject to change. No warranty that product(s) will meet the stated specifications for customer specific applications or test
equipment. Visit www.ctscorp.com for list of applicable patent(s), more information, or to request a quote.
DOC# 008-0586-0 Rev. C
Page 1 of 10
Model 626
Very Low Jitter LVPECL or LVDS Clock
Features
Ceramic Surface Mount Package
Very Low Phase Jitter Performance, 500fs Maximum
Fundamental or 3rd Overtone Crystal Design
Frequency Range 6 – 220MHz *
+2.5V or +3.3V Operation [+1.8V LVDS only]
Output Enable Standard
Tape and Reel Packaging, EIA-418
Applications
SerDes
Storage Area Networking
Broadband Access
SONET/SDH/DWDM
PON
Ethernet/GbE/SyncE
Fiber Channel
Test and Measurement
Description
CTS Model 626 is a low cost, high performance clock oscillator supporting differential LVPECL or LVDS outputs.
Employing the latest IC technology, M626 has excellent stability and very low jitter/phase noise performance.
Ordering Information
Model
626
Code
Code
Code
P
6
M
L
5
2
4
3
3
2
Code
Code
Code
C
T
I
G
Notes:
1]
2]
3]
4]
Check factory for availability. Stability codes 2 and 3 only.
T
Output
Type
Frequency Code
[MHz]
Frequency
Stability
Temperature
Range
Supply
Voltage
Packaging
P
XXX or XXXX
4
I
3
+1.8Vdc 4
LVPECL - Pin 1 Enable
±20ppm 2
Output
Stability
Voltage
±50ppm
±30ppm
+2.5Vdc
LVDS - Pin 1 Enable
±25ppm
+3.3Vdc
This product is specified for use only in standard commercial applications. Supplier disclaims all express and implied warranties and liability in connection with any use of this
product in any non-commercial applications or in any application that may expose the product to conditions that are outside of the tolerances provided in its specification.
±100ppm
Not all performance combinations and frequencies may be available.
Contact your local CTS Representative or CTS Customer Service for availability.
LVDS output only. Consult factory for availability.
Refer to document 016-1454-0, Frequency Code Tables. 3-digits for frequencies <100MHz, 4-digits for frequencies 100MHz or greater.
-20°C to +70°C
-40°C to +85°C
Product Frequency Code 1
1k pcs./reel
Frequency
Temp. Range
Packing
-40°C to +105°C 3
Check factory for availability. Temperature code C only.
Part Dimensions:
2.5 × 2.0 × 1.1mm • 14.25852mg
Standard Frequencies
- 25.00MHz
- 100.00MHz
- 27.00MHz
- 125.00MHz
- 50.00MHz
- 155.52MHz
- 74.1758MHz
- 156.25MHz
- 74.25MHz
- 161.1328MHz
* See Page 9 for additional developed frequencies.
Check with factory for availability of frequencies not listed.


Similar Part No. - 626

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
626-009-262-010 EDAC-626-009-262-010 Datasheet
357Kb / 2P
626 Series D-Sub Connectors | Two Contact Rows with .584"(14.84mm) Footprint Right Angle Bend | Receptacle
626-009-262-010 EDAC-626-009-262-010 Datasheet
84Kb / 1P
626 Series,D-Sub Connectors | Two Contact Rows with .584"(14.84mm) Footprint Right Angle Bend | Receptacle
626-009-262-011 EDAC-626-009-262-011 Datasheet
357Kb / 2P
626 Series D-Sub Connectors | Two Contact Rows with .584"(14.84mm) Footprint Right Angle Bend | Receptacle
626-009-262-011 EDAC-626-009-262-011 Datasheet
85Kb / 1P
626 Series,D-Sub Connectors | Two Contact Rows with .584"(14.84mm) Footprint Right Angle Bend | Receptacle
626-009-262-012 EDAC-626-009-262-012 Datasheet
357Kb / 2P
626 Series D-Sub Connectors | Two Contact Rows with .584"(14.84mm) Footprint Right Angle Bend | Receptacle
More results

Similar Description - 626

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT9211 ACT-ACT9211 Datasheet
150Kb / 1P
LVPECL or LVDS Clock Oscillator
13/2/08
logo
CTS Corporation
635 CTS-635 Datasheet
153Kb / 4P
LVPECL or LVDS CLOCK OSCILLATOR
logo
Silicon Laboratories
SI53321 SILABS-SI53321 Datasheet
1Mb / 28P
1:10 LOW JITTER LVPECL CLOCK BUFFER
SI53322 SILABS-SI53322 Datasheet
1Mb / 22P
1:2 LOW JITTER LVPECL CLOCK BUFFER
logo
Connor-Winfield Corpora...
PB223-156M CONNOR-WINFIELD-PB223-156M Datasheet
376Kb / 2P
Low Jitter LVPECL Clock Oscillator
logo
CTS Corporation
643H CTS-643H Datasheet
667Kb / 7P
Very Low Jitter HCSL Clock
645H CTS-645H Datasheet
662Kb / 7P
Very Low Jitter HCSL Clock
logo
Micrel Semiconductor
DSC2032 MICREL-DSC2032 Datasheet
641Kb / 6P
Low-Jitter Configurable LVDS-LVPECL Oscillator
DSC2132 MICREL-DSC2132 Datasheet
675Kb / 6P
Low-Jitter I2C/SPI Programmable LVDS-LVPECL Oscillator
logo
Skyworks Solutions Inc.
SI53340 SKYWORKS-SI53340 Datasheet
2Mb / 38P
Low-Jitter LVDS Fanout Clock Buffers
Rev. 1.2 December 3, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com