Electronic Components Datasheet Search
  English  ▼

X  

626 Datasheet(PDF) 3 Page - CTS Corporation

Part # 626
Description  Very Low Jitter LVPECL or LVDS Clock
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

626 Datasheet(HTML) 3 Page - CTS Corporation

  626 Datasheet HTML 1Page - CTS Corporation 626 Datasheet HTML 2Page - CTS Corporation 626 Datasheet HTML 3Page - CTS Corporation 626 Datasheet HTML 4Page - CTS Corporation 626 Datasheet HTML 5Page - CTS Corporation 626 Datasheet HTML 6Page - CTS Corporation 626 Datasheet HTML 7Page - CTS Corporation 626 Datasheet HTML 8Page - CTS Corporation 626 Datasheet HTML 9Page - CTS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
©2017 CTS® Corporation. Information/product(s) subject to change. No warranty that product(s) will meet the stated specifications for customer specific applications or test
equipment. Visit www.ctscorp.com for list of applicable patent(s), more information, or to request a quote.
Model 626
Very Low Jitter LVPECL or LVDS Clock
DOC# 008-0586-0 Rev. C
Page 3 of 10
Electrical Specifications
Enable Truth Table
Pin 1
Pin 4 & Pin 5
Logic ‘1’
Output
Open
Output
Logic ‘0’
High Imp.
Test Circuit
LVPECL
LVDS
Output Waveform
LVPECL or LVDS
Output Parameters
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Start Up Time
TS
Application of VCC
-
3
10
ms
Enable Function [Standby]
Enable Input Voltage
VIH
Pin 1 Logic '1', Output Enabled
0.7VCC
-
-
V
Disable Input Voltage
VIL
Pin 1 Logic '0', Output Disabled
-
-
0.3VCC
V
Disable Time
TPLZ
Pin 1 Logic '0', Output Disabled
-
-
200
ns
Standby Current
IST
Pin 1 Logic '0', Output Disabled
-
-
15
µA
Enable Time
TPLZ
Pin 1 Logic '1', Output Enabled
-
-
4
ms
40MHz - 220MHz, Bandwidth 12kHz to 20MHz
-
300
500
fs
6MHz - 39.999MHz, Bandwidth 12kHz to 5MHz
-
-
<1
ps
Phase Jitter, RMS
tjrms



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com