Electronic Components Datasheet Search
  English  ▼

X  

643H Datasheet(PDF) 2 Page - CTS Corporation

Part # 643H
Description  Very Low Jitter HCSL Clock
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

643H Datasheet(HTML) 2 Page - CTS Corporation

  643H Datasheet HTML 1Page - CTS Corporation 643H Datasheet HTML 2Page - CTS Corporation 643H Datasheet HTML 3Page - CTS Corporation 643H Datasheet HTML 4Page - CTS Corporation 643H Datasheet HTML 5Page - CTS Corporation 643H Datasheet HTML 6Page - CTS Corporation 643H Datasheet HTML 7Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
©2017 CTS® Corporation. Information/product(s) subject to change. No warranty that product(s) will meet the stated specifications for customer specific applications or test
equipment. Visit www.ctscorp.com for list of applicable patent(s), more information, or to request a quote.
Model 643H
Very Low Jitter HCSL Clock
DOC# 008-0582-0 Rev. C
Page 2 of 7
Electrical Specifications
Operating Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Maximum Supply Voltage
VCC
-
-0.3
-
4.0
V
2.375
2.5
2.625
3.135
3.3
3.465
Supply Current
ICC
Maximum Load
Maximum Current Value @ +3.3V
-
-
60
mA
-20
+70
-40
+85
-40
+105
Storage Temperature
TSTG
-
-50
-
+125
°C
Frequency Stability
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Frequency Range
fO
-
MHz
Frequency Stability
[Note 1]
Δf/fO
-
±ppm
Aging
Δf/f25
First Year @ +25°C, nominal VCC
-5
±3
5
ppm
Output Parameters
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Output Type
-
-
-
Output Load
RL
Terminated to ground
-
50
-
Ohms
VOH
-580
-
850
VOL
-150
-
150
Output Duty Cycle
SYM
Differential Output, @ VCC - 1.3V
45
-
55
%
Differential Output Voltage
VOD
RL = 50 Ohms to ground
0.4
-
-
Vp-p
Rise and Fall Time
TR, TF
@ 20%/80% Levels, RL = 50 Ohms to ground
-
0.50
0.70
ns
Output Parameters
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Start Up Time
TS
Application of VCC
-
5
10
ms
Enable Function [Standby]
Enable Input Voltage
VIH
Pin 1 Logic '1', Output Enabled
0.7VCC
-
-
V
Disable Input Voltage
VIL
Pin 1 Logic '0', Output Disabled
-
-
0.3VCC
V
Disable Current
IIL
Pin 1 Logic '0', Output Disabled
-
15
-
µA
Enable Time
TPLZ
Pin 1 Logic '1', Output Enabled
-
-
2
ms
Phase Jitter, RMS
tjrms
Bandwidth 12 kHz - 20 MHz
-
500
-
fs
V
Supply Voltage
VCC
±5%
°C
Operating Temperature
TA
-
+25
13.5 - 156.25
25, 30, 50 or 100
1.] Inclusive of initial tolerance at time of shipment, changes in supply voltage, load, temperature and 1st year aging.
HCSL
Output Voltage Levels
HCSL Load
mV



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com