Electronic Components Datasheet Search
  English  ▼

X  

643H Datasheet(PDF) 5 Page - CTS Corporation

Part # 643H
Description  Very Low Jitter HCSL Clock
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

643H Datasheet(HTML) 5 Page - CTS Corporation

  643H Datasheet HTML 1Page - CTS Corporation 643H Datasheet HTML 2Page - CTS Corporation 643H Datasheet HTML 3Page - CTS Corporation 643H Datasheet HTML 4Page - CTS Corporation 643H Datasheet HTML 5Page - CTS Corporation 643H Datasheet HTML 6Page - CTS Corporation 643H Datasheet HTML 7Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
©2017 CTS® Corporation. Information/product(s) subject to change. No warranty that product(s) will meet the stated specifications for customer specific applications or test
equipment. Visit www.ctscorp.com for list of applicable patent(s), more information, or to request a quote.
Model 643H
Very Low Jitter HCSL Clock
DOC# 008-0582-0 Rev. C
Page 5 of 7
Electrical Specifications
Performance Data
Phase Noise Tabulated
Typical, 100.00MHz, HCSL, VCC = 3.3V, TA = +25°C
PARAMETER
SYMBOL
CONDITIONS
TYP
UNIT
HCSL @ 100.00MHz
Phase Noise
Single Side Band
@ 10Hz
-75.9328
@ 100Hz
-106.9929
@ 1kHz
-135.1951
@ 10kHz
-144.2209
@ 100kHz
-152.8159
@ 1MHz
-153.5793
@ 10MHz
-154.8219
Phase Jitter, RMS
tjrms
Integration Bandwidth 12kHz - 20MHz 188.2315
fs
-
dBc/Hz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com