Electronic Components Datasheet Search
  English  ▼

X  

643H Datasheet(PDF) 1 Page - CTS Corporation

Part # 643H
Description  Very Low Jitter HCSL Clock
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

643H Datasheet(HTML) 1 Page - CTS Corporation

  643H Datasheet HTML 1Page - CTS Corporation 643H Datasheet HTML 2Page - CTS Corporation 643H Datasheet HTML 3Page - CTS Corporation 643H Datasheet HTML 4Page - CTS Corporation 643H Datasheet HTML 5Page - CTS Corporation 643H Datasheet HTML 6Page - CTS Corporation 643H Datasheet HTML 7Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
©2017 CTS® Corporation. Information/product(s) subject to change. No warranty that product(s) will meet the stated specifications for customer specific applications or test
equipment. Visit www.ctscorp.com for list of applicable patent(s), more information, or to request a quote.
DOC# 008-0582-0 Rev. C
Page 1 of 7
Model 643H
Very Low Jitter HCSL Clock
Features
High Speed Current Steering Logic [HCSL] Output
Ceramic Surface Mount Package
Low Phase Jitter Performance, 500fs Typical
Fundamental or 3rd Overtone Crystal Design
Frequency Range 13.5MHz – 156.25MHz *
+2.5V or +3.3V Operation
Output Enable Standard
Tape and Reel Packaging, EIA-418
Applications
PCI Express [PCIe]
Data Storage Systems
Ethernet Line Cards
Serial ATA Express [SATAe]
Intel Chipsets
Network Servers
Switches and Routers
Set-Top Boxes/DVRs
Description
CTS Model 643H is a low cost, high performance clock oscillator supporting HCSL output. Employing the latest IC
technology, M643H has excellent stability and low phase jitter performance.
Ordering Information
Model
643
Code
Code
Code
H
5
2
4
3
3
2
Code
Code
Code
C
R
I
G
Notes:
1]
2]
Refer to document 016-1454-0, Frequency Code Tables. 3-digits for frequencies <100MHz, 4-digits for frequencies 100MHz or greater.
Not all performance combinations and frequencies may be available.
Contact your local CTS Representative or CTS Customer Service for availability.
This product is specified for use only in standard commercial applications. Supplier disclaims all express and implied warranties and liability in connection with any use of this
product in any non-commercial applications or in any application that may expose the product to conditions that are outside of the tolerances provided in its specification.
Packing
Product Frequency Code 1
-20°C to +70°C
3k pcs./reel
-40°C to +85°C
-40°C to +105°C 2
Check factory for availability. Stability codes 2 and 3 only.
±30ppm
+3.3Vdc
±50ppm
±100ppm
Frequency
Temp. Range
Output
Stability
Voltage
HCSL - Pin 1 Enable
±25ppm
+2.5Vdc
H
XXX or XXXX
3
I
3
R
Output
Type
Frequency Code
[MHz]
Frequency
Stability
Temperature
Range
Supply
Voltage
Packaging
Part Dimensions:
3.2 × 2.5 × 1.2mm • 24mg
Standard Frequencies
- 25MHz
- 100MHz
- 155.52MHz
- 27MHz
- 106.25MHz
- 156.25MHz
- 50MHz
- 125MHz
* Check with factory for availability of frequencies not listed.


Similar Part No. - 643H

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
643 MARL-643 Datasheet
401Kb / 4P
횠8.1mm mounting Black anodised aluminium housing
logo
Oscilent Corporation
643 OSCILENT-643 Datasheet
124Kb / 2P
Two-Port SAW
logo
WERMA Signaltechnik Gmb...
643 WERMA-643 Datasheet
68Kb / 1P
Flashing light element
23.02.2010
logo
English Chain Co. Ltd
643 03 ENGLISHCHAIN-643 03 Datasheet
511Kb / 10P
WELDEDCHAINSANDACCESSORIES
643 04 ENGLISHCHAIN-643 04 Datasheet
511Kb / 10P
WELDEDCHAINSANDACCESSORIES
More results

Similar Description - 643H

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC1104 MICREL-DSC1104 Datasheet
563Kb / 7P
Low-Jitter Precision HCSL Oscillator
logo
Abracon Corporation
ASFLMX-100.000MHZ-5ABD ABRACON-ASFLMX-100.000MHZ-5ABD Datasheet
6Mb / 4P
Ultra-Low Phase Jitter HCSL SMD Clock Oscillator
04.15.15
ASVMX-100.000MHZ-5ABD ABRACON-ASVMX-100.000MHZ-5ABD Datasheet
3Mb / 4P
Ultra-Low Phase Jitter HCSL SMD Clock Oscillator
04.29.15
logo
Integrated Device Techn...
8V41NS0412 IDT-8V41NS0412 Datasheet
1Mb / 51P
NG Ultra Low Jitter HCSL Clock Generator
logo
CTS Corporation
626 CTS-626 Datasheet
820Kb / 10P
Very Low Jitter LVPECL or LVDS Clock
645H CTS-645H Datasheet
662Kb / 7P
Very Low Jitter HCSL Clock
logo
Renesas Technology Corp
8INT31H800A RENESAS-8INT31H800A Datasheet
551Kb / 18P
8-Output Very Low Phase Jitter HCSL Fanout Buffer
Mar 2020
8V41NS0412 RENESAS-8V41NS0412 Datasheet
1Mb / 49P
FemtoClock® NG Ultra Low Jitter HCSL Clock Generator
August 27, 2020
9INT31H200 RENESAS-9INT31H200 Datasheet
546Kb / 10P
2-Output Very Low Phase Jitter HCSL Fanout Buffer
August 9, 2018
9INT31H400 RENESAS-9INT31H400 Datasheet
518Kb / 10P
4-Output Very Low-Phase Jitter HCSL Fanout Buffer
December 1, 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com