Electronic Components Datasheet Search
  English  ▼

X  

643H Datasheet(PDF) 6 Page - CTS Corporation

Part # 643H
Description  Very Low Jitter HCSL Clock
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

643H Datasheet(HTML) 6 Page - CTS Corporation

  643H Datasheet HTML 1Page - CTS Corporation 643H Datasheet HTML 2Page - CTS Corporation 643H Datasheet HTML 3Page - CTS Corporation 643H Datasheet HTML 4Page - CTS Corporation 643H Datasheet HTML 5Page - CTS Corporation 643H Datasheet HTML 6Page - CTS Corporation 643H Datasheet HTML 7Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
©2017 CTS® Corporation. Information/product(s) subject to change. No warranty that product(s) will meet the stated specifications for customer specific applications or test
equipment. Visit www.ctscorp.com for list of applicable patent(s), more information, or to request a quote.
Model 643H
Very Low Jitter HCSL Clock
DOC# 008-0582-0 Rev. C
Page 6 of 7
Mechanical Specifications
Package Drawing
Marking Information
Alternate Package
Recommended Pad Layout
Pin Assignments
Notes
Pin
Symbol
Function
1
EOH
Enable
2
N.C.
No Connect
3
GND
Circuit & Package Ground
4
Output
RF Output
5
N.C.
No Connect
6
VCC
Supply Voltage
Table I - Date Code
2001
2005
2009
2013
2017
A
B
C
D
E
F
G
H
J
K
L
M
2002
2006
2010
2014
2018
N
P
Q
R
S
T
U
V
W
X
Y
Z
2003
2007
2011
2015
2019
a
b
c
d
e
f
g
h
j
k
l
m
2004
2008
2012
2016
2020
n
p
q
r
s
t
u
v
w
x
y
z
NOV
DEC
YEAR
MAY
JUN
JUL
AUG
SEP
OCT
MONTH
JAN
FEB
MAR
APR
1. O – Output Type; H = HCSL.
2. ST – Frequency Stability/Temperature Code.
[Refer to Ordering Information]
3. V – Voltage Code; 3 = 3.3V, 2 = 2.5V.
4. D – Date Code. See Table I for codes.
5. xxxx – Frequency Code.
3-digits, frequencies below 100MHz
4-digits, frequencies 100MHz or greater
[See document 016-1454-0, Frequency Code Tables.]
1. JEDEC termination code (e4). Barrier-plating is
nickel [Ni] with gold [Au] flash plate.
2. Reflow conditions per JEDEC J-STD-020; +260°C
maximum, 20 seconds.
3. MSL = 1.
643OSTV
● Dxxxx



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com