Electronic Components Datasheet Search
  English  ▼

X  

CS4384 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS4384
Description  103 dB, 192 kHz 8-Channel D/A Converter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4384 Datasheet(HTML) 1 Page - Cirrus Logic

  CS4384 Datasheet HTML 1Page - Cirrus Logic CS4384 Datasheet HTML 2Page - Cirrus Logic CS4384 Datasheet HTML 3Page - Cirrus Logic CS4384 Datasheet HTML 4Page - Cirrus Logic CS4384 Datasheet HTML 5Page - Cirrus Logic CS4384 Datasheet HTML 6Page - Cirrus Logic CS4384 Datasheet HTML 7Page - Cirrus Logic CS4384 Datasheet HTML 8Page - Cirrus Logic CS4384 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
Copyright
© Cirrus Logic, Inc. 2005
(All Rights Reserved)
http://www.cirrus.com
Advance Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
103 dB, 192 kHz 8-Channel D/A Converter
Features
! Advanced Multi-bit Delta Sigma Architecture
! 24-bit Conversion
! Automatic Detection of Sample Rates up to
192 kHz
! 103 dB Dynamic Range
! -88 dB THD+N
! Single-Ended Output Architecture
! Direct Stream Digital Mode
–
Non-Decimating Volume Control
–
On-Chip 50 kHz Filter
–
Matched PCM and DSD Analog Output
Levels
! Compatible with Industry-Standard Time
Division Multiplexed (TDM) Serial Interface
! Selectable Digital Filters
! Volume Control with 1/2-dB Step Size and Soft
Ramp
! Low Clock Jitter Sensitivity
! +5 V Analog Supply, +2.5 V Digital Supply
! Separate 1.8 to 5 V Logic Supplies for the
Control & Serial Ports
Description
The CS4384 is a complete 8-channel digital-to-analog
system. This D/A system includes digital de-emphasis,
half-dB step size volume control, ATAPI channel mix-
ing, selectable fast and slow digital interpolation filters
followed by an oversampled, multi-bit delta sigma mod-
ulator which includes mismatch shaping technology that
eliminates distortion due to capacitor mismatch. Follow-
ing this stage is a multi-element switched capacitor
stage and low-pass filter with single-ended analog
outputs.
The CS4384 also has a proprietary DSD processor
which allows for volume control and 50 kHz on-chip fil-
tering without an intermediate decimation stage. It also
offers an optional path for direct DSD conversion by di-
rectly using the multi-element switched capacitor array.
The CS4384 accepts PCM data at sample rates from
4 kHz to 216 kHz, DSD audio data, and delivers excel-
lent sound quality. These features are ideal for multi-
channel audio systems including SACD players, A/V re-
ceivers,
digital
TV’s,
mixing
consoles,
effects
processors,
sound
cards
and
automotive
audio
systems.
This product is available in 48-pin LQFP package and is
available in both Automotive (-40° C - +85° C) and
Commercial (-10° C - +70° C) temperature grades. For
full Ordering Information see page 50.
Control Port Supply = 1.8 V to 5 V
Register/Hardware
Configuration
Internal Voltage
Reference
Reset
TDM Serial
Audio Input
Digital Supply = 2.5 V
Hardware Mode or
I2C/SPI Software Mode
Control Data
Analog Supply = 5 V
Eight Channels
of Single-Ended
Outputs
8
PCM Serial
Audio Input
Volume
Controls
Digital
Filters
Switch-Cap
DAC and
Analog Filters
Multi-bit
∆Σ
Modulators
DSD Audio
Input
DSD Processor
-Volume control
-50 kHz filter
External Mute
Control
Mute Signals
2
8
Serial Audio Port
Supply = 1.8 V to 5 V
AUGUST '05
DS620A1
CS4384


Similar Part No. - CS4384

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4384 CIRRUS-CS4384 Datasheet
1Mb / 52P
103 dB, 192 kHz 8-Channel D/A Converter
CS4384-CQZ CIRRUS-CS4384-CQZ Datasheet
1Mb / 52P
103 dB, 192 kHz 8-Channel D/A Converter
CS4384-CQZR CIRRUS-CS4384-CQZR Datasheet
1Mb / 52P
103 dB, 192 kHz 8-Channel D/A Converter
CS4384 CIRRUS-CS4384_08 Datasheet
1Mb / 52P
103 dB, 192 kHz 8-Channel D/A Converter
More results

Similar Description - CS4384

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4383 CIRRUS-CS4383 Datasheet
952Kb / 40P
114 dB, 192 kHz 8-Channel D/A Converter?
CS4364 CIRRUS-CS4364 Datasheet
983Kb / 50P
103 dB, 192 kHz 6-Channel D/A Converter
CS4382A CIRRUS-CS4382A Datasheet
685Kb / 47P
114 dB, 192 kHz 8-channel D/A Converter
CS5368 CIRRUS-CS5368 Datasheet
354Kb / 39P
114 dB, 192 kHz, 8-Channel A/D Converter
CS4382A CIRRUS-CS4382A_05 Datasheet
938Kb / 47P
114 dB, 192 kHz 8-Channel D/A Converter
CS4385 CIRRUS-CS4385_07 Datasheet
1Mb / 55P
114 dB, 192 kHz 8-Channel D/A Converter
CS4364 CIRRUS-CS4364_08 Datasheet
1Mb / 50P
103 dB, 192 kHz 6-Channel D/A Converter
CS4382 CIRRUS-CS4382_08 Datasheet
844Kb / 42P
114 dB, 192 kHz 8-Channel D/A Converter
CS4384 CIRRUS-CS4384_08 Datasheet
1Mb / 52P
103 dB, 192 kHz 8-Channel D/A Converter
CS4385A CIRRUS-CS4385A Datasheet
1Mb / 55P
114-dB, 192-kHz 8-Channel D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com