Electronic Components Datasheet Search
  English  ▼

X  

CS4384 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS4384
Description  103 dB, 192 kHz 8-Channel D/A Converter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4384 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS4384 Datasheet HTML 18Page - Cirrus Logic CS4384 Datasheet HTML 19Page - Cirrus Logic CS4384 Datasheet HTML 20Page - Cirrus Logic CS4384 Datasheet HTML 21Page - Cirrus Logic CS4384 Datasheet HTML 22Page - Cirrus Logic CS4384 Datasheet HTML 23Page - Cirrus Logic CS4384 Datasheet HTML 24Page - Cirrus Logic CS4384 Datasheet HTML 25Page - Cirrus Logic CS4384 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
22
DS620A1
CS4384
3.3
Digital Interface Formats
The serial port operates as a slave and supports the I²S, Left-Justified, Right-Justified, One-Line Mode
(OLM) and TDM digital interface formats with varying bit depths from 16 to 32 as shown in Figures 9-19.
Data is clocked into the DAC on the rising edge. OLM and TDM configurations are only supported in soft-
ware mode.
LRCK
SCLK
Left Channel
Right Channel
SDINx
+3 +2 +1
+5 +4
-1 -2 -3 -4 -5
+3 +2 +1
+5 +4
-1 -2 -3 -4
MSB
LSB
MSB
LSB
Figure 9. Format 0 - Left-Justified up to 24-bit Data
LRCK
SCLK
Left Channel
Right Channel
SDINx
+3 +2 +1
+5 +4
-1 -2 -3 -4 -5
+3 +2 +1
+5 +4
-1 -2 -3 -4
MSB
MSB
LSB
LSB
Figure 10. Format 1 - I²S up to 24-bit Data
LRCK
SCLK
Left Channel
Right Channel
SDINx
65 432 1 0
98 7
15 14 13 12 11 10
6 543 2 1 0
98 7
15 14 13 12 11 10
32 clocks
Figure 11. Format 2 - Right-Justified 16-bit Data
LRCK
SCLK
Left Channel
SDINx
65 432 1 0
7
23 22 21 20 19 18
6 543 2 1 0
7
23 22 21 20 19 18
32 clocks
0
Right Channel
Figure 12. Format 3 - Right-Justified 24-bit Data
LRCK
SCLK
Left Channel
Right Channel
SDINx
654 3210
987
15 14 13 12 11 10
10
654321 0
987
15 14 13 12 11 10
17 16
17 16
32 clocks
19 18
19 18
Figure 13. Format 4 - Right-Justified 20-bit Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com