Electronic Components Datasheet Search
  English  ▼

X  

CS4384 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS4384
Description  103 dB, 192 kHz 8-Channel D/A Converter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4384 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS4384 Datasheet HTML 25Page - Cirrus Logic CS4384 Datasheet HTML 26Page - Cirrus Logic CS4384 Datasheet HTML 27Page - Cirrus Logic CS4384 Datasheet HTML 28Page - Cirrus Logic CS4384 Datasheet HTML 29Page - Cirrus Logic CS4384 Datasheet HTML 30Page - Cirrus Logic CS4384 Datasheet HTML 31Page - Cirrus Logic CS4384 Datasheet HTML 32Page - Cirrus Logic CS4384 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
DS620A1
29
CS4384
3.11
The MUTEC Outputs
The MUTEC1 and MUTEC234 pins have an auto-polarity detect feature. The MUTEC output pins are high imped-
ance at the time of reset. The external mute circuitry needs to be self biased into an active state in order to be
muted during reset. Upon release of reset, the CS4384 will detect the status of the MUTEC pins (high or low) and
will then select that state as the polarity to drive when the mutes become active. The external-bias voltage level
that the MUTEC pins see at the time of release of reset must meet the “MUTEC auto detect input high/low voltage”
specs as outlined in the Digital Characteristics section.
Figure 25 shows a single example of both an active high and an active low mute drive circuit. In these designs, the
pull-up and pull-down resistors have been especially chosen to meet the input high/low threshold when used with
the MMUN2111 and MMUN2211 internal bias resistances of 10 k
Ω.
Use of the Mute Control function is not mandatory but recommended for designs requiring the absolute minimum in
extraneous clicks and pops. Also, use of the Mute Control function can enable the system designer to achieve idle
channel noise/signal-to-noise ratios which are only limited by the external mute circuit.
Figure 25. Recommended Mute Circuitry
3.12
Recommended Power-Up Sequence
3.12.1
Hardware Mode
1.
Hold RST low until the power supplies and configuration pins are stable, and the master and left/right
clocks are locked to the appropriate frequencies, as discussed in Section 3.1. In this state, the
registers are reset to the default settings, FILT+ will remain low, and VQ will be connected to VA/2.
If RST can not be held low long enough the SDINx pins should remain static low until all other clocks
are stable, and if possible the RST should be toggled low again once the system is stable.
2.
Bring RST high. The device will remain in a low power state with FILT+ low and will initiate the
Hardware power-up sequence after approximately 512 LRCK cycles in Single-Speed Mode (1024
LRCK cycles in Double-Speed Mode, and 2048 LRCK cycles in Quad-Speed Mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com