Electronic Components Datasheet Search
  English  ▼

X  

CS4384 Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS4384
Description  103 dB, 192 kHz 8-Channel D/A Converter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4384 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS4384 Datasheet HTML 32Page - Cirrus Logic CS4384 Datasheet HTML 33Page - Cirrus Logic CS4384 Datasheet HTML 34Page - Cirrus Logic CS4384 Datasheet HTML 35Page - Cirrus Logic CS4384 Datasheet HTML 36Page - Cirrus Logic CS4384 Datasheet HTML 37Page - Cirrus Logic CS4384 Datasheet HTML 38Page - Cirrus Logic CS4384 Datasheet HTML 39Page - Cirrus Logic CS4384 Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
36
DS620A1
CS4384
Function:
These bits select the interface format for the serial audio input. The DSD/PCM bit determines whether
PCM or DSD mode is selected.
The required relationship between the Left/Right clock, serial clock and serial data is defined by the Digital
Interface Format and the options are detailed in Figures 9-21.
5.3.2
Functional Mode (FM)
Default = 11
00 - Single-Speed Mode (4 to 50 kHz sample rates)
01 - Double-Speed Mode (50 to 100 kHz sample rates)
10 - Quad-Speed Mode (100 to 200 kHz sample rates)
11 - Auto Speed Mode detect (32 kHz to 200 kHz sample rates)
Function:
Selects the required range of input sample rates or Auto Speed Mode.
5.4
DSD Control (address 04h)
5.4.1
DSD Mode Digital Interface Format (DSD_DIF)
Default = 000 - Format 0 (64x oversampled DSD data with a 4x MCLK to DSD data rate)
Function:
The relationship between the oversampling ratio of the DSD audio data and the required Master clock to
DSD data rate is defined by the Digital Interface Format pins.
DIF3
DIF2
DIF1
DIF0
DESCRIPTION
Format
FIGURE
00
0
0
Left Justified, up to 24-bit data
0
9
00
0
1
I2S, up to 24-bit data
1
10
00
1
0
Right Justified, 16-bit data
2
11
00
1
1
Right Justified, 24-bit data
3
12
01
0
0
Right Justified, 20-bit data
4
13
01
0
1
Right Justified, 18-bit data
5
14
10
0
0
One-line Mode 1, 24-bit Data +SDIN4
8
15
10
0
1
One-line Mode 2, 20-bit Data +SDIN4
9
17
10
1
0
One-line Mode 3, 24-bit 6-channel
10
18
10
1
1
One-line Mode 4, 20-bit 6-channel
11
20
11
0
0
TDM
12
21
XX
X
X
All other combinations are Reserved
Table 7. Digital Interface Formats - PCM Mode
765
4
3
2
1
0
DSD_DIF2
DSD_DIF1
DSD_DIF0
DIR_DSD
STATIC_DSD
INVALID_DSD
DSD_PM_MD
DSD_PM_EN
000
0
1
1
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com