Electronic Components Datasheet Search
  English  ▼

X  

CS4922 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS4922
Description  MPEG/G.729A AUDIO DECODER SYSTEM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4922 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS4922 Datasheet HTML 10Page - Cirrus Logic CS4922 Datasheet HTML 11Page - Cirrus Logic CS4922 Datasheet HTML 12Page - Cirrus Logic CS4922 Datasheet HTML 13Page - Cirrus Logic CS4922 Datasheet HTML 14Page - Cirrus Logic CS4922 Datasheet HTML 15Page - Cirrus Logic CS4922 Datasheet HTML 16Page - Cirrus Logic CS4922 Datasheet HTML 17Page - Cirrus Logic CS4922 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
CS4922
14
2
TYPICAL CONNECTION DIAGRAM
CS4922
Ferrite Bead
+ 1 µF 0.1 µF
VD1
VD4
VA+
FSYNC
SCLK
SDATA
SCK/SCL
SDA/CDOUT
CDIN
CS
REQ
RESET
BOOT
PIO
CLKIN
AOUTL
AOUTR
TX
FLT
27 MHz
+
1
µF0.1 µF
+
40k
0.0022
µF
NPO
> 1.0
µF
600
EXTCK
DGND1
DGND4
AGND2
0.47
µF
RIGHT
AUDIO
LEFT
AUDIO
+5V
SUPPLY
ALTCLK
+ 1 µF0.1 µF
XF1
+5V
90_CLK
+5V
Note: 1 capacitor pair per power supply
Ferrite Bead
7
17
25 43
23
22
21
20
3
2
4
1
44
41
40
24
27
28
618
26
42
33
29
19
31
5
36
39
38
34
+
40k
0.0022
µF
NPO
> 1.0
µF
600
AGND1
AOUTM
MONO
AUDIO
37
+
40k
0.0022
µF
NPO
> 1.0
µF
600
30
CLKOUT
MICRO
CONTROLLER
AUDIO
SOURCE
S/PDIF
RECEIVER
AUXIN
9
SERIAL
CODEC
AUXOUT
8
AUXCLK
11
AUXLR
10
XF2
16
XF3
15
XF4
14
PROGRAM
ROM
10k
Figure 6. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com