Electronic Components Datasheet Search
  English  ▼

X  

CS4922 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS4922
Description  MPEG/G.729A AUDIO DECODER SYSTEM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4922 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS4922 Datasheet HTML 11Page - Cirrus Logic CS4922 Datasheet HTML 12Page - Cirrus Logic CS4922 Datasheet HTML 13Page - Cirrus Logic CS4922 Datasheet HTML 14Page - Cirrus Logic CS4922 Datasheet HTML 15Page - Cirrus Logic CS4922 Datasheet HTML 16Page - Cirrus Logic CS4922 Datasheet HTML 17Page - Cirrus Logic CS4922 Datasheet HTML 18Page - Cirrus Logic CS4922 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
CS4922
15
3
THEORY OF OPERATION
3.1 Introduction
The CS4922 is a complete audio subsystem on a
chip. It consists of a general-purpose Digital Signal
Processor (DSP), and a number of supplementary
analog and digital blocks. These supplementary
blocks include a PLL clock multiplier, a serial au-
dio input port, an auxiliary serial audio port, a CD
quality stereo Digital-to-Analog Converter (DAC),
an AES/EBU - S/PDIF compatible digital audio
transmitter, and a serial control port. Figure 6
shows a typical connection diagram for the CS4922
in which a micro controller is used for loading the
program code.
The CS4922 is RAM based audio decoder that can
be used to process compressed digital audio sig-
nals. Serial audio data broadcast on networks such
as cable TV, direct broadcast satellite TV, or the
telephone system can be decompressed and con-
verted to standard analog and digital signals. A
wide variety of standard and proprietary decom-
pression algorithms can be supported.
CS4922 application code is available which per-
forms industry standard MPEG 1 and 2, layers I
and II.
Application code is also available for
G.729A decode.
The DSP has a 24-bit fixed point data path, 5K
words of program RAM, and 3K words of data
RAM. The execution unit includes a 48-bit accu-
mulator. The DSP can provide up to 12 MIPS.
Either compressed digital audio data or PCM data
can be delivered.
For analog reproduction of the digital input, a ste-
reo DAC using delta-sigma architecture is built-in.
Switched-capacitor filters perform most of the re-
construction process. Only a simple external pas-
sive filter is needed to complete reconstruction.
In addition to the analog output, an AES/EBU -
S/PDIF compatible output is provided. This allows
the designer the flexibility of transmitting the audio
data in a standard digital format to an external sys-
tem.
To facilitate the downloading of DSP code to the
CS4922, a serial control port, communicating in ei-
ther I2C® or SPI format, is used. This port may also
be used during run time to issue control commands
to the DSP.
4
PERIPHERALS
Six on-chip peripherals make the audio decoder
ideal for decoding broadcast digital audio signals.
It has a PLL clock manager, a CD quality DAC, a
digital audio transmitter, a three pin serial port for
audio data input, a serial bi-directional auxiliary
port for digital audio data, and an SPI/I2C port for
serial control information. Each peripheral has I/O
mapped data, control, and status registers. Many
peripherals can also generate interrupts.
4.1 Clock Manager
The clock manager is primarily a clock multiplier
circuit that takes a reference frequency of 27 MHz
on CLKIN which is used for deriving internal
clocking. At the heart of the clock manager circuit
is a PLL (Phase-Locked Loop) circuit. The PLL is
configured by software to produce the appropriate
DSP Clock for the desired sample rate. All other in-
ternal clocks required for the DAC and other pe-
ripherals are derived from this root clock.
The PLL’s internal VCO requires a capacitor to be
connected to the FLT pin (pin 31). The typical val-
ue of the FLT capacitor is 0.47 µf, which is suffi-
cient for all allowable CLKIN input frequencies. It
must be stressed that the best analog performance
can only be achieved by placing the capacitor as
close as possible to the FLT pin and that the proper
layout precautions be taken to avoid noise coupling
onto the FLT pin.
The CLKOUT pin is a divided version of the DSP
clock. A diagram of the CLKOUT generation cir-
cuit is shown in Figure 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com