Electronic Components Datasheet Search
  English  ▼

X  

CS4922 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS4922
Description  MPEG/G.729A AUDIO DECODER SYSTEM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4922 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS4922 Datasheet HTML 13Page - Cirrus Logic CS4922 Datasheet HTML 14Page - Cirrus Logic CS4922 Datasheet HTML 15Page - Cirrus Logic CS4922 Datasheet HTML 16Page - Cirrus Logic CS4922 Datasheet HTML 17Page - Cirrus Logic CS4922 Datasheet HTML 18Page - Cirrus Logic CS4922 Datasheet HTML 19Page - Cirrus Logic CS4922 Datasheet HTML 20Page - Cirrus Logic CS4922 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
CS4922
17
4.4 Digital Audio Transmitter
The transmitter encodes digital audio data accord-
ing to the Sony®/Philips® Digital Interface Format
(S/PDIF) or the AES/EBU interface format. The
encoded data is output on the TX pin. More infor-
mation on the S/PDIF and AES/EBU standards are
available from Crystal’s application note library.
4.5 Audio Serial Input Port
The audio serial input port has a three pin interface
consisting of FSYNC, SCLK, and SDATA.
FSYNC is only used to frame data when the audio
data is in a PCM format. Systems, such as MPEG
decoders, which use the audio serial input port for
compressed audio data should tie FSYNC to +5V.
SCLK used to clock SDATA (serial data input) into
an internal FIFO. The active edge of SCLK is de-
termined by the application code running on the
CS4922. Consult the documentation for each ap-
plication download to determine your system re-
quirements.
4.6 Auxiliary Digital Audio Port
The CS4922 auxiliary port provides a path for the
internal DSP core to directly read and write framed
PCM digital audio data. The auxiliary port is de-
signed to operate in a full duplex mode that can
support simultaneous PCM input and output. It is
important to note that the CS4922 always masters
the audio clocks on the Auxiliary Digital Audio
Port.
The port has the capability to support two digital
audio formats. The formats are illustrated in Fig-
ures 9, 10, and 11. The input and output formats
are always configured to operate in the same mode.
The input and output sampling rates are the same as
the sample rate for the on-chip DAC. The AUX
port can support 18 bit samples at 64Fs (I2S For-
mat) or 20 bit samples at 128Fs (Left Justified For-
mat).
The CS4922 Auxiliary digital audio port physically
is implemented with four device pins: AUXCLK
pin 11, AUXLR pin 10, AUXIN pin 9, and AUX-
OUT pin 8. AUXCLK is utilized as the primary
synchronous clock. AUXOUT is the serial audio
data output pin and AUXIN is the serial audio data
input pin. AUXLR is an output pin used for fram-
ing the auxiliary digital audio port. AUXLR cycles
at the same Fs as the on-chip stereo DAC. Fs is
programmed by the DSP. AUXLR and AUXOUT
transition with the falling edge of AUXCLK. The
rising edge of AUXCLK samples AUXIN.
4.7 Serial Control Port
The serial control port (SCP) can operate in I2C or
SPI compatible modes. In either mode, the control
port performs eight bit transfers and is always con-
figured as a slave. As a slave, it cannot drive the
clock signal nor initiate data transfers. The port can
request to be serviced by activating the REQ pin.
The port is an asynchronous interface which pro-
vides interrupts and handshaking signals to allow
MSB
LSB
Left
Right
MSB
LSB
I S
Input
2
AUXCLK
AUXIN
AUXLR
Figure 9. Auxiliary Data Input Formats
MSB
LSB
Left
Right
MSB
LSB
AUXLR
AUXCLK
AUXOUT
I S Output
2
Figure 10. Auxiliary Data Output Formats



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com