Electronic Components Datasheet Search
  English  ▼

X  

CS5368 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS5368
Description  114 dB, 192 kHz, 8-Channel A/D Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5368 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS5368 Datasheet HTML 19Page - Cirrus Logic CS5368 Datasheet HTML 20Page - Cirrus Logic CS5368 Datasheet HTML 21Page - Cirrus Logic CS5368 Datasheet HTML 22Page - Cirrus Logic CS5368 Datasheet HTML 23Page - Cirrus Logic CS5368 Datasheet HTML 24Page - Cirrus Logic CS5368 Datasheet HTML 25Page - Cirrus Logic CS5368 Datasheet HTML 26Page - Cirrus Logic CS5368 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
DS624A1
27
CS5368
Figure 9. Master Slave Clock Flow
4.6.3
Synchronization of Multiple Devices
To ensure synchronous sampling in applications where multiple ADCs are used, the MCLK and LRCK
must be the same for all of the CS5368s in the system. If only one Master clock source is needed, one
solution is to place one CS5368 in Master mode, and slave all of the other devices to the one master. If
multiple Master clock sources are needed, a possible solution would be to supply all clocks from the same
external source and time the CS5368 reset de-assertion with the falling edge of MCLK. This will ensure
that all converters begin sampling on the same clock edge.
Figure 10. Master and Slave Clocking for a 32-Channel Application
4.6.4
Sample Rate Ranges
Supported sampling rates are 2 kHz-216 kHz divided into three ranges: 2 kHz-54 kHz, 54 kHz-108 kHz,
and 108 kHz-216 kHz. These sampling speed modes are called Single-Speed Mode, Double-Speed
Mode and Quad-Speed Mode (SSM, DSM, QSM), respectively.
4.6.5
Using M1 and M0 to Set Sampling Parameters
The Master/Slave operation and the sample rate range are controlled through the settings of the M1 and
M0 pins in Stand-Alone Mode, or by the M[1] and M[0] bits in the Global Mode Control Register in Control-
Port Mode.
Table 2. M1 and M0 Settings
M1
M0
Mode
Frequency Range
0
0
Single-Speed Master Mode
2 kHz - 54 kHz
0
1
Double-Speed Master Mode
54 kHz - 108 kHz
1
0
Quadruple-Speed Master Mode
108 kHz - 216 kHz
1
1
Auto-Detected Speed Slave Mode
2 kHz - 216 kHz
ADC as
timing
master
Controller
LRCK
SCLK
ADC as
timing
slave
Controller
LRCK
SCLK
Master
CS5368
Slave1
CS5368
Slave2
CS5368
Slave3
CS5368
SCLK & LRCK/FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com