Electronic Components Datasheet Search
  English  ▼

X  

CDB44800 Datasheet(PDF) 45 Page - Cirrus Logic

Part # CDB44800
Description  8-Channel Digital Amplifier Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB44800 Datasheet(HTML) 45 Page - Cirrus Logic

Back Button CDB44800 Datasheet HTML 41Page - Cirrus Logic CDB44800 Datasheet HTML 42Page - Cirrus Logic CDB44800 Datasheet HTML 43Page - Cirrus Logic CDB44800 Datasheet HTML 44Page - Cirrus Logic CDB44800 Datasheet HTML 45Page - Cirrus Logic CDB44800 Datasheet HTML 46Page - Cirrus Logic CDB44800 Datasheet HTML 47Page - Cirrus Logic CDB44800 Datasheet HTML 48Page - Cirrus Logic CDB44800 Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 81 page
background image
6. REGISTER QUICK REFERENCE
Addr
Function
7
6
5
4
3
2
1
0
01h
ID / Rev.
CHIP_ID3
CHIP_ID2
CHIP_ID1
CHIP_ID0
REV_ID3
REV_ID2
REV_ID1
REV_ID0
page 49
default
1
1
0
0
0
0
0
1
02h
Clock Config / Power
Control
EN_SYS_CLK
SYS_CLK_DIV1
SYS_CLK_DIV0
PWM_MCLK_DIV1
PWM_MCLK_DIV0
PDN_XTAL
PDN_OUTPUT_MO
DE
PDN
page 50.
default
1
0
0
0
0
0
0
1
03h
Chnl Power Down
PDN_PWMB4
PDN_PWMA4
PDN_PWMB3
PDN_PWMA3
PDN_PWMB2
PDN_PWMA2
PDN_PWMB1
PDN_PWMA1
page 51.
default
1
1
1
1
1
1
1
1
04h
Misc. Config.
DIF2
DIF1
DIF0
RESERVED
AM_FREQ_HOP
FREEZE
DEM1
DEM0
page 52
default
0
0
1
0
0
0
0
0
05h
Ramp Config
RESERVED
RESERVED
RESERVED
RAMP1
RAMP0
RESERVED
RAMP_SPD1
RAMP_SPD0
page 53
default
0
0
0
0
0
0
0
1
06h
Vol Control Config
SNGVOL
SZC1
SZC0
RESERVED
MUTE_50/50
SRD_ERR
SRU_ERR
AMUTE
page 54
default
0
1
0
0
0
0
0
1
07h
Master Vol.
Control
- Integer
MSTR_IVOL7
MSTR_IVOL6
MSTR_IVOL5
MSTR_IVOL4
MSTR_IVOL3
MSTR_IVOL2
MSTR_IVOL1
MSTR_IVOL0
page 56
default
0
0
0
0
0
0
0
0
08h
Master Vol.
Control - Fraction
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
MSTR_FVOL1
MSTR_FVOL0
page 56
default
0
0
0
0
0
0
0
0
09h
Channel A1 Vol.
Control - Integer
CHA1_IVOL7
CHA1_IVOL6
CHA1_IVOL5
CHA1_IVOL4
CHA1_IVOL3
CHA1_IVOL2
CHA1_IVOL1
CHA1_IVOL0
page 58
default
0
0
0
0
0
0
0
0
0Ah
Channel B1 Vol.
Control - Integer
CHB1_IVOL7
CHB1_IVOL6
CHB1_IVOL5
CHB1_IVOL4
CHB1_IVOL3
CHB1_IVOL2
CHB1_IVOL1
CHB1_IVOL0
page 58
default
0
0
0
0
0
0
0
0
0Bh
Channel A2 Vol.
Control - Integer
CHA2_IVOL7
CHA2_IVOL6
CHA2_IVOL5
CHA2_IVOL4
CHA2_IVOL3
CHA2_IVOL2
CHA2_IVOL1
CHA2_IVOL0
page 58
default
0
0
0
0
0
0
0
0
0Ch
Channel B2 Vol.
Control - Integer
CHB2_IVOL7
CHB2_IVOL6
CHB2_IVOL5
CHB2_IVOL4
CHB2_IVOL3
CHB2_IVOL2
CHB2_IVOL1
CHB2_IVOL0
page 58
default
0
0
0
0
0
0
0
0
0Dh
Channel A3 Vol.
Control - Integer
CHA3_IVOL7
CHA3_IVOL6
CHA3_IVOL5
CHA3_IVOL4
CHA3_IVOL3
CHA3_IVOL2
CHA3_IVOL1
CHA3_IVOL0
page 58
default
0
0
0
0
0
0
0
0
0Eh
Channel B3 Vol.
Control - Integer
CHB3_IVOL7
CHB3_IVOL6
CHB3_IVOL5
CHB3_IVOL4
CHB3_IVOL3
CHB3_IVOL2
CHB3_IVOL1
CHB3_IVOL0
page 58
default
0
0
0
0
0
0
0
0
0Fh
Channel A4 Vol.
Control - Integer
CHA4_IVOL7
CHA4_IVOL6
CHA4_IVOL5
CHA4_IVOL4
CHA4_IVOL3
CHA4_IVOL2
CHA4_IVOL1
CHA4_IVOL0
page 58.
default
0
0
0
0
0
0
0
0
10h
Channel B4 Vol.
Control - Integer
CHB4_IVOL7
CHB4_IVOL6
CHB4_IVOL5
CHB4_IVOL4
CHB4_IVOL3
CHB4_IVOL2
CHB4_IVOL1
CHB4_IVOL0
page 58.
default
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com