Electronic Components Datasheet Search
  English  ▼

X  

CDB44800 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CDB44800
Description  8-Channel Digital Amplifier Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB44800 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CDB44800 Datasheet HTML 16Page - Cirrus Logic CDB44800 Datasheet HTML 17Page - Cirrus Logic CDB44800 Datasheet HTML 18Page - Cirrus Logic CDB44800 Datasheet HTML 19Page - Cirrus Logic CDB44800 Datasheet HTML 20Page - Cirrus Logic CDB44800 Datasheet HTML 21Page - Cirrus Logic CDB44800 Datasheet HTML 22Page - Cirrus Logic CDB44800 Datasheet HTML 23Page - Cirrus Logic CDB44800 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 81 page
background image
20
DS632PP1
CS44800
2.1
I/O Pin Characteristics
Signal Name
Power
Rail
I/O
Driver
Receiver
RST
VLC
Input
-
2.5 V and 3.3/5.0 V TTL Compatible.
SCL/CCLK
VLC
Input
-
2.5 V and 3.3/5.0 V TTL Compatible, with Hysteresis.
SDA/CDOUT
VLC
Input /
Output
2.5-5.0 V,
CMOS/Open Drain
2.5 V and 3.3/5.0 V TTL Compatible, with Hysteresis.
AD0/CS
VLC
Input
-
2.5 V and 3.3/5.0 V TTL Compatible, Internal pull-up.
AD1/CDIN
VLC
Input
-
2.5 V and 3.3/5.0 V TTL Compatible, Internal pull-up.
INT
VLC
Output
2.5-5.0 V,
CMOS/Open Drain
-
MUTE
VLC
Input
-
2.5 V and 3.3/5.0 V TTL Compatible.
DAI_SDINx
VLS
Input
-
2.5 V and 3.3/5.0 V TTL Compatible.
DAI_SCLK
VLS
Input
-
2.5 V and 3.3/5.0 V TTL Compatible.
DAI_LRCK
VLS
Input
-
2.5 V and 3.3/5.0 V TTL Compatible.
DAI_MCLK
VLS
Input
-
2.5 V and 3.3/5.0 V TTL Compatible.
SYS_CLK
VLS
Output
2.5-5.0 V, CMOS
-
XTI
VDX
Input
-
2.5 V and 3.3/5.0 V TTL Compatible, Internal pull-down.
XTO
VDX
Output
-
-
GPIOx
VDP
Input /
Output
3.3/5.0 V,
CMOS/Open Drain
3.3/5.0 V TTL Compatible.
PWMOUTAx+/-
VDP
Output
3.3/5.0 V, CMOS
-
PWMOUTBx+/-
VDP
Output
3.3/5.0 V, CMOS
-
PSR_MCLK
VDP
Output
3.3/5.0 V, CMOS
-
PSR_SYNC
VDP
Input
-
3.3/5.0 V TTL Compatible, Internal pull-up.
PSR_DATA
VDP
Input
-
3.3/5.0 V TTL Compatible, Internal pull-up.
PSR_EN
VDP
Output
3.3/5.0 V, CMOS
-
PSR_RESET
VDP
Output
3.3/5.0 V, CMOS
-
PS_SYNC
VDP
Output
3.3/5.0 V, CMOS
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com