Electronic Components Datasheet Search
  English  ▼

X  

CDB44800 Datasheet(PDF) 41 Page - Cirrus Logic

Part # CDB44800
Description  8-Channel Digital Amplifier Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB44800 Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CDB44800 Datasheet HTML 37Page - Cirrus Logic CDB44800 Datasheet HTML 38Page - Cirrus Logic CDB44800 Datasheet HTML 39Page - Cirrus Logic CDB44800 Datasheet HTML 40Page - Cirrus Logic CDB44800 Datasheet HTML 41Page - Cirrus Logic CDB44800 Datasheet HTML 42Page - Cirrus Logic CDB44800 Datasheet HTML 43Page - Cirrus Logic CDB44800 Datasheet HTML 44Page - Cirrus Logic CDB44800 Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 81 page
background image
DS632PP1
41
CS44800
Figure 29 shows the recommended PSR circuit layout. See the CS4461 datasheet for further details on the input
buffer and other associated external components. U1 is the CS4461 and U2 is the input buffer op-amp. All supply
decoupling should be placed as close as possible to their respective power supply pins. C4 should have a C0G
(NPO) dielectric and be placed as close as possible to the CS4461 AIN+/- pins. The CS4461 and input buffer should
be placed on the board between the CS44800 and the high voltage power supply. The sense point of the high volt-
age power supply (the point at which the input buffer taps off of the high voltage power supply) should be close to
the middle of the amplifier output channels. If the sense point is taken at either end of the amplifier output channels,
inaccurate reading could occur due to localized channel disturbances causing noise on the high voltage power sup-
ply. Optimally, the high voltage power connector should also be placed in the middle of the amplifier output channels
Figure 29. Recommended PSR Circuit Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com