Electronic Components Datasheet Search
  English  ▼

X  

CDB44800 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CDB44800
Description  8-Channel Digital Amplifier Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB44800 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CDB44800 Datasheet HTML 23Page - Cirrus Logic CDB44800 Datasheet HTML 24Page - Cirrus Logic CDB44800 Datasheet HTML 25Page - Cirrus Logic CDB44800 Datasheet HTML 26Page - Cirrus Logic CDB44800 Datasheet HTML 27Page - Cirrus Logic CDB44800 Datasheet HTML 28Page - Cirrus Logic CDB44800 Datasheet HTML 29Page - Cirrus Logic CDB44800 Datasheet HTML 30Page - Cirrus Logic CDB44800 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 81 page
background image
DS632PP1
27
CS44800
4.4
FsIn Clock Domain Modules
4.4.1
Digital Audio Input Port
The CS44800 interfaces to an external Digital Audio Processor via the Digital Audio Input serial port, the
DAI serial port. The DAI port has
4 stereo data inputs with support for I²S, left-justified and right-justified
formats. The DAI port operates in slave operation only, where DAI_LRCK, DAI_SCLK and DAI_MCLK are
always inputs. The signal DAI_LRCK must be equal to the sample rate, Fs and must be synchronously
derived from the supplied master clock, DAI_MCLK. The serial bit clock, DAI_SCLK, is used to sample
the data bits and must be synchronously derived from the master clock.
DAI_SDIN1, DAI_SDIN2, DAI_SDIN3, and DAI_SDIN4 are the serial data input pins supplying the asso-
ciated internal PWM channel modulators. The serial data interface format selection (left-justified, right-jus-
tified, I²S, one line mode, or TDM) for the DAI serial port data input pins is configured using the appropriate
bits in the register “Misc. Configuration (address 04h)” on page 52. The serial audio data is presented in
2's complement binary form with the MSB first in all formats.
When operated in One Line Data Mode, 6 channels of PWM data are input on DAI_SDIN1 and two addi-
tional PWM channels on DAI_SDIN4. In TDM mode, all
8 channels are multiplexed onto the DAI_SDIN1
data line. Table 2 outlines the serial port channel allocations.
The DAI digital audio serial ports support 6 formats with varying bit depths from 16 to 24 as shown in Fig-
ure 17, Figure 18, Figure 19, Figure 20, Figure 21 and Figure 22. These formats are selected using the
configuration bits in the “Misc. Configuration (address 04h)” on page 52.
Serial Data Inputs
Data mode
Channel Assignments
DAI_SDIN1
Normal (I²S,LJ,RJ)
One Line #1 or #2
TDM
PWMOUTA1(left channel)/PWMOUTB1(right channel)
PWMOUTA1/A2/A3/B1/B2/B3
PWMOUTA1/A2/A3/A4/B1/B2/B3/B4
DAI_SDIN2
Normal (I²S,LJ,RJ)
One Line #1 or #2
TDM
PWMOUTA2(left channel)/PWMOUTB2(right channel)
not used
not used
DAI_SDIN3
Normal (I²S,LJ,RJ)
One Line #1 or #2
TDM
PWMOUTA3(left channel)/PWMOUTB3(right channel)
not used
not used
DAI_SDIN4
Normal (I²S,LJ,RJ)
One Line #1 or #2
TDM
PWMOUTA4(left channel)/PWMOUTB4(right channel)
PWMOUTA4/B4
not used
Table 2. DAI Serial Audio Port Channel Allocations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com