Electronic Components Datasheet Search
  English  ▼

X  

CS61581 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS61581
Description  T1/E1 Universal Line Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61581 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS61581 Datasheet HTML 22Page - Cirrus Logic CS61581 Datasheet HTML 23Page - Cirrus Logic CS61581 Datasheet HTML 24Page - Cirrus Logic CS61581 Datasheet HTML 25Page - Cirrus Logic CS61581 Datasheet HTML 26Page - Cirrus Logic CS61581 Datasheet HTML 27Page - Cirrus Logic CS61581 Datasheet HTML 28Page - Cirrus Logic CS61581 Datasheet HTML 29Page - Cirrus Logic CS61581 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
CS61581
26
DS211PP8
4.2
Power Supply
The device operates from a single +5 Volt supply.
Separate pins for transmit and receive supplies pro-
vide internal isolation. These pins should decou-
pled to their respective grounds. TV+ must not
exceed RV+ by more than 0.3 V.
Decoupling and filtering of the power supplies is
crucial for the proper operation of the analog cir-
cuits in both the transmit and receive paths. A 47
∝F
tantalum and 1.0
∝F mylar or ceramic capacitor
should be connected between TV+ and TGND, and
a 0.1
∝F mylar or ceramic capacitor should be con-
nected between RV+ and RGND. Place capacitors
as closely as possible to their respective power sup-
ply pins. Wire-wrap breadboarding of the line in-
terface is not recommended because lead resistance
and inductance serve to defeat the function of the
decoupling capacitors.
Turns ratio: Low Impedance Output/Hardware Mode
1:2 step-up transmit, 1:1 receive
Turns ratio: Matched Impedance Output
1:1.5 step-up transmit, 1:1 receive
Primary inductance
1.2 mH min at 772 kHz
Primary leakage inductance
0.5
∝H max at 772 kHz with secondary shorted
Secondary leakage inductance
0.5
∝H max at 772 kHz
Interwinding capacitance
40 pF max, primary to secondary
ET-constant
16 V-
∝s min
Table 6. Transformer Specification
Diagnostic Mode
Availability (Note 25)
H/W
Host
Host Mode (Note 26)
Maskable
Loopback Modes
Local Loopback (LLOOP)
Yes
Yes
No
Remote Loopback (RLOOP)
Yes
Yes
No
In-band Network Loopback (NLOOP)
Yes
Yes
Yes
Internal Data Pattern Generation and Detection
Transmit All Ones (TAOS)
Yes
Yes
No
Quasi-Random Signal Source (QRSS)
No
Yes
No
In-band Loop-up/down Code Generator
No
Yes
No
Error Insertion and Detection
Quasi-Random Signal Detection (QDET)
No
Yes
No
Quasi-Random Signal Error Insertion (INS_QERR)
No
Yes
No
Bipolar Violation Detection (BPV)
Yes
Yes
No
Alarm Condition Monitoring
Receive Loss of Signal Monitoring (LOS)
Yes
Yes
Yes
Receive Alarm Indication Signal Monitoring (AIS)
No
Yes
Yes
Other Diagnostic Reports
Receive Line Attenuation Indicator (LATN)
Yes
Yes
No
Notes: 25. In Hardware Mode the Diagnostic Modes are selected by directly setting the pins on the device; in
Host Mode, the appropriate register bits are written for Diagnostic Modes.
26. In Host Mode the interrupts can be masked by writing a “1” to the LOS bit; there is no masking in
the Hardware Mode.
Table 5. Diagnostic Mode Availability
CS61581
26
DS211F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com