Electronic Components Datasheet Search
  English  ▼

X  

CS61581 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS61581
Description  T1/E1 Universal Line Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61581 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS61581 Datasheet HTML 24Page - Cirrus Logic CS61581 Datasheet HTML 25Page - Cirrus Logic CS61581 Datasheet HTML 26Page - Cirrus Logic CS61581 Datasheet HTML 27Page - Cirrus Logic CS61581 Datasheet HTML 28Page - Cirrus Logic CS61581 Datasheet HTML 29Page - Cirrus Logic CS61581 Datasheet HTML 30Page - Cirrus Logic CS61581 Datasheet HTML 31Page - Cirrus Logic CS61581 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
CS61581
28
DS211PP8
5.
APPLICATIONS
Control
&
Monitor
Frame
Format
Encoder/
Decoder
CS61581
IN
HOST
MODE
RECEIVE
LINE
TRANSMIT
LINE
28
1
12
6
5
7
6
8
3
4
2
9
10
RV+
+
33
∝F
RGND
0.1
∝F
+5V
21
15
+
1.0
∝F
TGND
RV+
TV+
CLKE
MCLK
LOS
BPV
MODE
RPOS
RNEG
RCLK
TPOS
TNEG
TCLK
XTALIN
XTALOUT
RGND
TGND
22
14
SCLK
CS
INT
SDI
SDO
RTIP
RRING
TRING
TTIP
19
20
16
13
R1
R2
1
5
2
6
0.47
∝F
2
6
1
5
1:1.5
T-1054
1CT:1
PE-64936
∝P
Serial
Port
27
26
23
24
25
18 LATN
1 k
.
11 JASEL
0.47
∝F
Figure 15. Matched Impedance Output Configuration
T1
100
.
E1
75
.
E1
120
.
R1 (
. )
50
37.5
60
R2 (
. )
50
37.5
60
CS61581
28
DS211F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com