Electronic Components Datasheet Search
  English  ▼

X  

EP9302 Datasheet(PDF) 29 Page - Cirrus Logic

Part # EP9302
Description  High-speed ARM9 System-on-chip Processor with MaverickCrunch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP9302 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button EP9302 Datasheet HTML 25Page - Cirrus Logic EP9302 Datasheet HTML 26Page - Cirrus Logic EP9302 Datasheet HTML 27Page - Cirrus Logic EP9302 Datasheet HTML 28Page - Cirrus Logic EP9302 Datasheet HTML 29Page - Cirrus Logic EP9302 Datasheet HTML 30Page - Cirrus Logic EP9302 Datasheet HTML 31Page - Cirrus Logic EP9302 Datasheet HTML 32Page - Cirrus Logic EP9302 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
DS653PP3
©Copyright 2005 Cirrus Logic (All Rights Reserved)
29
EP9302
High-speed ARM9 System-on-chip Processor with MaverickCrunch
Audio Interface
Note:
The tspix_clk is programmable by the user.
The following table contains the values for the timings of each of the SPI modes.
Parameter
Symbol
Min
Typ
Max
Unit
SCLK cycle time
tclk_per
-
tspix_clk
-
ns
SCLK high time
tclk_high
-
(tspix_clk) / 2
-
ns
SCLK low time
tclk_low
-
(tspix_clk) / 2
-
ns
SCLK rise/fall time
tclkrf
1-8
ns
Data from master valid delay time
tDMd
--
3
ns
Data from master setup time
tDMs
20
-
-
ns
Data from master hold time
tDMh
40
-
-
ns
Data from slave setup time
tDSs
20
-
-
ns
Data from slave hold time
tDSh
40
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com