Electronic Components Datasheet Search
  English  ▼

X  

EP9302 Datasheet(PDF) 33 Page - Cirrus Logic

Part # EP9302
Description  High-speed ARM9 System-on-chip Processor with MaverickCrunch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP9302 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button EP9302 Datasheet HTML 29Page - Cirrus Logic EP9302 Datasheet HTML 30Page - Cirrus Logic EP9302 Datasheet HTML 31Page - Cirrus Logic EP9302 Datasheet HTML 32Page - Cirrus Logic EP9302 Datasheet HTML 33Page - Cirrus Logic EP9302 Datasheet HTML 34Page - Cirrus Logic EP9302 Datasheet HTML 35Page - Cirrus Logic EP9302 Datasheet HTML 36Page - Cirrus Logic EP9302 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
DS653PP3
©Copyright 2005 Cirrus Logic (All Rights Reserved)
33
EP9302
High-speed ARM9 System-on-chip Processor with MaverickCrunch
AC’97
Parameter
Symbol
Min
Typ
Max
Unit
ABITCLK input cycle time
tclk_per
-81.4-
ns
ABITCLK input high time
tclk_high
36
-
45
ns
ABITCLK input low time
tclk_low
36
-
45
ns
ABITCLK input rise/fall time
tclkrf
2-6
ns
ASDI setup to ABITCLK falling
ts
10
-
-
ns
ASDI hold after ABITCLK falling
th
10
-
-
ns
ASDI input rise/fall time
trfin
2-6
ns
ABITCLK rising to ASDO / ASYNC valid, CL = 55 pF
tco
2
-
15
ns
ASYNC / ASDO rise/fall time, CL = 55 pF
trfout
2-6
ns
Figure 20. AC ‘97 Configuration Timing Measurement
ABITCLK
ASDI
ASDO
ASYNC
t
co
t
rfout
t
rfout
t
s
t
rfin
t
co
t
rfout
t
co
t
clkrf
t
clk_high
t
clk_low
t
h
t
clk_per
t
clkrf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com