Electronic Components Datasheet Search
  English  ▼

X  

EP9302 Datasheet(PDF) 36 Page - Cirrus Logic

Part # EP9302
Description  High-speed ARM9 System-on-chip Processor with MaverickCrunch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP9302 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button EP9302 Datasheet HTML 32Page - Cirrus Logic EP9302 Datasheet HTML 33Page - Cirrus Logic EP9302 Datasheet HTML 34Page - Cirrus Logic EP9302 Datasheet HTML 35Page - Cirrus Logic EP9302 Datasheet HTML 36Page - Cirrus Logic EP9302 Datasheet HTML 37Page - Cirrus Logic EP9302 Datasheet HTML 38Page - Cirrus Logic EP9302 Datasheet HTML 39Page - Cirrus Logic EP9302 Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
36
©Copyright 2005 Cirrus Logic (All Rights Reserved)
DS653PP3
EP9302
High-speed ARM9 System-on-chip Processor with MaverickCrunch
208 Pin LQFP Package Outline
2.19
208-Pin LQFP (28
× 28 × 1.40-mm Body)
NOTES:
1) Dimensions are in millimeters, and controlling dimension is millimeter.
2) Package body dimensions do not include mold protrusion, which is 0.25 mm (0.010 in).
3) Pin 1 identification may be either ink dot or dimple.
4) Package top dimensions can be smaller than bottom dimensions by 0.20 mm (0.008 in).
5) The ‘lead width with plating’ dimension does not include a total allowable dambar protrusion of 0.08 mm
(at maximum material condition).
6) Ejector pin marks in molding are present on every package.
7) Drawing above does not reflect exact package pin count.
Pin 1 Indicator
29.60 (1.165)
30.40 (1.197)
0.17 (0.007)
0.27 (0.011)
27.80 (1.094)
28.20 (1.110)
0.50
(0.0197)
BSC
29.60 (1.165)
30.40 (1.197)
27.80 (1.094)
28.20 (1.110)
1.35 (0.053)
1.45 (0.057)
0
° MIN
7
° MAX
0.09 (0.004)
0.20 (0.008)
1.40 (0.055)
0.45 (0.018)
0.75 (0.030)
0.05 (0.002)
1.00 (0.039) BSC
Pin 1
Pin 208
1.60 (0.063)
0.15 (0.006)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com