Electronic Components Datasheet Search
  English  ▼

X  

EP9302 Datasheet(PDF) 32 Page - Cirrus Logic

Part # EP9302
Description  High-speed ARM9 System-on-chip Processor with MaverickCrunch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP9302 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button EP9302 Datasheet HTML 28Page - Cirrus Logic EP9302 Datasheet HTML 29Page - Cirrus Logic EP9302 Datasheet HTML 30Page - Cirrus Logic EP9302 Datasheet HTML 31Page - Cirrus Logic EP9302 Datasheet HTML 32Page - Cirrus Logic EP9302 Datasheet HTML 33Page - Cirrus Logic EP9302 Datasheet HTML 34Page - Cirrus Logic EP9302 Datasheet HTML 35Page - Cirrus Logic EP9302 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
32
©Copyright 2005 Cirrus Logic (All Rights Reserved)
DS653PP3
EP9302
High-speed ARM9 System-on-chip Processor with MaverickCrunch
Inter-IC Sound - I2S
Note:
ti2s_clk is programmable by the user.
Parameter
Symbol
Min
Typ
Max
Unit
SCLK cycle time
tclk_per
-
ti2s_clk
-ns
SCLK high time
tclk_high
-
(ti2s_clk) / 2
-ns
SCLK low time
tclk_low
-
(ti2s_clk) / 2
-ns
SCLK rise/fall time
tclkrf
14
8
ns
SCLK to LRCLK assert delay time
tLRd
--
3
ns
Hold between SCLK assert then LRCLK deassert
or
Hold between LRCLK deassert then SCLK assert
tLRh
0-
-
ns
SDI to SCLK deassert setup time
tSDIs
12
-
-
ns
SDI from SCLK deassert hold time
tSDIh
0-
-
ns
SCLK assert to SDO delay time
tSDOd
--
9
ns
SDO from SCLK assert hold time
tSDOh
1-
-
ns
Figure 19. Inter-IC Sound (I2S) Timing Measurement
SCLK
LRCLK
SDI
t
LRd
t
LRh
t
SDIh
t
clk_high
t
SDIs
t
clk_low
t
clk_per
t
clkrf
t
SDOh
SDO
t
SDOd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com