Electronic Components Datasheet Search
  English  ▼

X  

IX4351NE Datasheet(PDF) 1 Page - IXYS Corporation

Part # IX4351NE
Description  9A Low Side SiC MOSFET & IGBT Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX4351NE Datasheet(HTML) 1 Page - IXYS Corporation

  IX4351NE Datasheet HTML 1Page - IXYS Corporation IX4351NE Datasheet HTML 2Page - IXYS Corporation IX4351NE Datasheet HTML 3Page - IXYS Corporation IX4351NE Datasheet HTML 4Page - IXYS Corporation IX4351NE Datasheet HTML 5Page - IXYS Corporation IX4351NE Datasheet HTML 6Page - IXYS Corporation IX4351NE Datasheet HTML 7Page - IXYS Corporation IX4351NE Datasheet HTML 8Page - IXYS Corporation IX4351NE Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
INTEGRATED CIRCUITS DIVISION
DS-IX4351NE-R01
www.ixysic.com
1
Features
• Separate 9A peak source and sink outputs
• Operating Voltage Range: -10V to +25V
• Internal negative charge pump regulator for
selectable negative gate drive bias
• Desaturation detection with soft shutdown sink driver
• TTL and CMOS compatible input
• Under Voltage lockout (UVLO)
• Thermal shutdown
• Open drain FAULT output
Applications
• Driving SiC MOSFETs and IGBTs
• On-board charger and DC charging station
• Industrial inverters
• PFC, AC/DC and DC/DC converters
IX4351 Functional Block Diagram
Description
The IX4351NE is designed specifically to drive SiC
MOSFETs and high power IGBTs. Separate 9A
source and sink outputs allow for tailored turn-on and
turn-off timing while minimizing switching losses. An
internal negative charge regulator provides a
selectable negative gate drive bias for improved dV/dt
immunity and faster turn-off.
Desaturation detection circuitry detects an over
current condition of the SiC MOSFET and initiates a
soft turn off, thus preventing a potentially damaging
dV/dt event. The logic input is TTL and CMOS
compatible; this input does not need to be level shifted
even with a negative gate drive bias voltage.
Protection features include UVLO and thermal
shutdown detection. An open drain FAULT output
signals a fault condition to the microcontroller.
The IX4351NE is rated for operational temperature
range of -40°C to +125°C,and is available in a
thermally enhanced 16-pin power SOIC package.
Ordering Information
Charge
Pump
Control
Gate and
Control
Logic
4.6V
Regulator
IN
FAULT
V
DD
V
REG
SET
GND
COM
CAP
V
DD
2.6V
INSOFT
V
SS
OUTSOFT
V
SS
OUTSNK
OUTSRC
V
DD
DESAT
6.8V
V
DD
15
10
2
3
4
1
16
14
13
12
11
7
5
6
8
9
V
DD
V
SS
Part
Description
IX4351NE
16-Pin power SOIC with exposed thermal pad.
In tubes (50/Tube)
IX4351NETR
16-Pin power SOIC with exposed thermal pad.
In Tape & Reel (2000/Reel)
IX4351NE
9A Low Side SiC
MOSFET & IGBT Driver


Similar Part No. - IX4351NE

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
IX4310TTR-TP TECHPUBLIC-IX4310TTR-TP Datasheet
4Mb / 7P
Single-Channel, High-Speed, Low-side Gate Driver
logo
IXYS Corporation
IX4340 IXYS-IX4340 Datasheet
250Kb / 10P
5-Ampere, Dual Low-Side MOSFET Driver
IX4340N IXYS-IX4340N Datasheet
250Kb / 10P
5-Ampere, Dual Low-Side MOSFET Driver
IX4340NE IXYS-IX4340NE Datasheet
250Kb / 10P
5-Ampere, Dual Low-Side MOSFET Driver
IX4340NETR IXYS-IX4340NETR Datasheet
250Kb / 10P
5-Ampere, Dual Low-Side MOSFET Driver
More results

Similar Description - IX4351NE

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4421 MICREL-MIC4421 Datasheet
110Kb / 10P
9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4421A MICREL-MIC4421A Datasheet
393Kb / 13P
9A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4421 MICREL-MIC4421_05 Datasheet
237Kb / 12P
9A-Peak Low-Side MOSFET Driver
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
Single 9A High-Speed, Low-Side Gate Driver
logo
MIC GROUP RECTIFIERS
MIC4421 MIC-MIC4421_11 Datasheet
241Kb / 12P
9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
Single 9A High-Speed, Low-Side Gate Driver
logo
Micrel Semiconductor
MIC4422YN MICREL-MIC4422YN Datasheet
241Kb / 12P
9A-Peak Low-Side MOSFET Driver
logo
IXYS Corporation
IXDN430MCI IXYS-IXDN430MCI Datasheet
619Kb / 12P
30 Amp Low-Side Ultrafast MOSFET / IGBT Driver
logo
AiT Semiconductor Inc.
AG2101 AITSEMI-AG2101 Datasheet
585Kb / 8P
MOSFET/IGBT GATE DRIVER HIGH AND LOW SIDE DRIVER
REV1.0
AG2113 AITSEMI-AG2113 Datasheet
888Kb / 16P
MOSFET/IGBT GATE DRIVER HIGH AND LOW SIDE DRIVER
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com