Electronic Components Datasheet Search
  English  ▼

X  

IX4351NE Datasheet(PDF) 7 Page - IXYS Corporation

Part # IX4351NE
Description  9A Low Side SiC MOSFET & IGBT Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX4351NE Datasheet(HTML) 7 Page - IXYS Corporation

Back Button IX4351NE Datasheet HTML 2Page - IXYS Corporation IX4351NE Datasheet HTML 3Page - IXYS Corporation IX4351NE Datasheet HTML 4Page - IXYS Corporation IX4351NE Datasheet HTML 5Page - IXYS Corporation IX4351NE Datasheet HTML 6Page - IXYS Corporation IX4351NE Datasheet HTML 7Page - IXYS Corporation IX4351NE Datasheet HTML 8Page - IXYS Corporation IX4351NE Datasheet HTML 9Page - IXYS Corporation IX4351NE Datasheet HTML 10Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
INTEGRATED CIRCUITS DIVISION
IX4351NE
R01
www.ixysic.com
7
2
Functional Description
The IX4351NE is designed to provide the gate drive
for high power SiC MOSFETs and IGBTs.
Figure 1. IX4351NE Typical Application Circuit
2.1 Logic Input (IN)
The logic input IN controls the state of the high current
source driver output (OUTSRC), high current sink
driver output (OUTSNK), and a lower current sink
driver output (OUTSOFT). The IN input is a
high-speed Schmitt trigger buffer with 0.4V hysteresis.
The IN logic thresholds are TTL and CMOS
compatible, and are referenced to COM. When VDD is
greater than the VDD UVLO rising threshold (VDDUV+
typically 12V) IN controls the state of the gate driver
outputs according to Table 1:
2.1.1 Table 1
2.2 Gate Drive Outputs (OUTSRC and OUTSNK)
The IX4351NE power outputs are rated for 9A peak
current capability. Separate source and sink outputs
allow independent adjustment of the discrete SiC
MOSFET or IGBT turn-on and turn-off transactions
with a single resistor. An internal dead time prevents
the cross conduction of the source and sink outputs.
2.3 4.6 Volt Regulator (VREG)
The internal 4.6V regulator provides power for the low
voltage control circuitry. An external 4.7
F bypass
capacitor (CREG) is required. VREG can source up to
10mA, and can be used to set the negative bias
voltage and power an external logic optocoupler.
IN
FAULT
VREG
SET
GND
COM
CAP
INSOFT
OUTSOFT
V
SS
OUTSNK
OUTSRC
V
DD
DESAT
R
DESAT
C
BLANK
C
DD
+22V
RH
RL
R
SOFT
C
REG
C
FLY
C
SS
DRAIN
SOURCE
GATE
Controller
R1
R2
V
SS
Charge
Pump
Control
Gate and
Control
Logic
4.6V
Regulator
V
DD
V
DD
2.6V
V
SS
6.8V
V
DD
D1
R
FLY
4
2
3
1
16
15
10
14
13
12
11
7
9
8
6
5
IN
VDD
OUTSRC
OUTSNK
OUTSOFT
X
< VDDUV+
Off
Low
Low
0
> VDDUV+
Off
Low
Low
1
> VDDUV+
High
Off
Off



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com