Electronic Components Datasheet Search
  English  ▼

X  

IX4351NE Datasheet(PDF) 6 Page - IXYS Corporation

Part # IX4351NE
Description  9A Low Side SiC MOSFET & IGBT Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX4351NE Datasheet(HTML) 6 Page - IXYS Corporation

Back Button IX4351NE Datasheet HTML 2Page - IXYS Corporation IX4351NE Datasheet HTML 3Page - IXYS Corporation IX4351NE Datasheet HTML 4Page - IXYS Corporation IX4351NE Datasheet HTML 5Page - IXYS Corporation IX4351NE Datasheet HTML 6Page - IXYS Corporation IX4351NE Datasheet HTML 7Page - IXYS Corporation IX4351NE Datasheet HTML 8Page - IXYS Corporation IX4351NE Datasheet HTML 9Page - IXYS Corporation IX4351NE Datasheet HTML 10Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
INTEGRATED CIRCUITS DIVISION
6
www.ixysic.com
R01
IX4351NE
1.5.8 Soft Shutdown Section
1.5.9 Gate Driver Section
1.6 Thermal Characteristics
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Units
Soft Shutdown Threshold Voltage
-
VTH,INSOFT
2.3
2.6
3
V
Soft Shutdown Hysteresis
-
VINSOFTHYS
-0.4
-
V
OUTSOFT Peak Sink Current
-
IOUTSOFT
-
900
-
mA
OUTSOFT On Resistance
IOUTSOFT=100mA
ROUTSOFT
-7
15
DESAT Detect to OUTSOFT Delay
-
tOUTSOFTDLY
-
125
-
ns
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Units
High Level Output Voltage
IOUTSRC=-100mA
VOUTSRC
VDD- 0.25
--
V
Low Level Output Voltage
IOUTSNK=100mA
VOUTSNK
-
-
0.25
V
OUTSRC ON-Resistance
IOUTSRC=-100mA
ROUTSRC
-0.8
2
OUTSNK ON-Resistance
IOUTSNK=100mA
ROUTSNK
-0.7
1.5
Turn-On Propagation Delay Time
CLOAD=10nF
tON
-
70
125
ns
Turn-Off Propagation Delay Time
CLOAD=10nF
tOFF
-
65
125
ns
Turn-On Rise Time
CLOAD=1nF
tR
-10
20
ns
Turn-Off Fall Time
CLOAD=1nF
tF
-10
20
ns
Parameter
Symbol
Rating
Units
Thermal Impedance, Junction to Ambient
JA
60
°C/W
Thermal Impedance, Junction to Case
JC
28
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com