Electronic Components Datasheet Search
  English  ▼

X  

IX4351NE Datasheet(PDF) 8 Page - IXYS Corporation

Part # IX4351NE
Description  9A Low Side SiC MOSFET & IGBT Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX4351NE Datasheet(HTML) 8 Page - IXYS Corporation

Back Button IX4351NE Datasheet HTML 2Page - IXYS Corporation IX4351NE Datasheet HTML 3Page - IXYS Corporation IX4351NE Datasheet HTML 4Page - IXYS Corporation IX4351NE Datasheet HTML 5Page - IXYS Corporation IX4351NE Datasheet HTML 6Page - IXYS Corporation IX4351NE Datasheet HTML 7Page - IXYS Corporation IX4351NE Datasheet HTML 8Page - IXYS Corporation IX4351NE Datasheet HTML 9Page - IXYS Corporation IX4351NE Datasheet HTML 10Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
INTEGRATED CIRCUITS DIVISION
8
www.ixysic.com
R01
IX4351NE
2.4 Negative VSS Charge Pump Regulator
The IX4351NE has an inverting charge pump
regulator that produces a negative regulated VSS
output. The charge pump operates in a closed-loop
mode creating VSS from VDD. The charge pump output
regulation is achieved by sensing the VSS voltage
through resistor divider R1 and R2. The charge pump
requires an external flying capacitor (CFLY), two
discrete Schottky diodes, a storage capacitor (CSS),
and a peak current limiting resistor (RFLY). VSS is set
by the R1 and R2 resistor divider:
2.5 Desaturation Detection and Protection
The desaturation protection circuit ensures the
protection of the external SiC MOSFET or IGBT in the
event of an over-current situation. The DESAT pin
monitors the drain voltage of the power SiC MOSFET
or the collector of the power IGBT via RDESAT and D1.
If the drain or collector voltage exceed the DESAT
Threshold Voltage (VTH,DESAT typically 6.8V) a
controlled turn-off sequence is initiated. OUTSRC is
turned off and OUTSOFT is turned on. The 900mA
sink capability of OUTSOFT allows an initial slow
turn-off of the external SiC MOSFET or IGBT. When
the GATE voltage decreases to the Soft Shutdown
Threshold Voltage (VTH,INSOFT typically 2.6V)
OUTSNK turns on and quickly pulls the GATE to VSS.
This two-step turn-off avoids dangerous dV/dt
over-voltages across the external SiC MOSFET or
IGBT.
The DESAT comparator is disabled for a fixed blanking
time (tBLANK) to avoid detecting a false desaturation
event during the external SiC MOSFET or IGBT
turn-on. The nominal tBLANK is 250ns, which can be
increased by adjusting RDESAT and CBLANK. This
blanking time starts when IN transitions from low to
high.
2.6 Thermal Shutdown
Thermal protection circuity turns off OUTSRC and
turns on OUTSNK and OUTSOFT when the junction
temperature reaches +160°C. OUTSRC is re-enabled
when the junction temperature cools to +140°C.
2.7 FAULT Output
The FAULT output signals if the IX4351NE is
undergoing a fault condition. The open-drain NMOS is
pulled low when VDD < VDDUV+, TJ=TSD, or a
desaturation is detected. FAULT is turned off when the
fault condition is remedied.
Figure 2. Timing Diagram
V
SS
V
–
REG
R2
R1
-------


=
IN
OUTSRC
OUTSNK
OUTSOFT
DESAT
FAULT
GND
V
DD
V
SS
V
SS
GND
V
TH,INSOFT
V
TH,DESAT
Hi-Z
Hi-Z
Hi-Z
t
ON
t
OFF
t
OUTSOFTDLY
Hi-Z
t
BLANK



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com