Electronic Components Datasheet Search
  English  ▼

X  

SC-18-180 Datasheet(PDF) 6 Page - Kemet Corporation

Part # SC-18-180
Description  Common Mode SC Coils, Standard Series
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SC-18-180 Datasheet(HTML) 6 Page - Kemet Corporation

Back Button SC-18-180 Datasheet HTML 2Page - Kemet Corporation SC-18-180 Datasheet HTML 3Page - Kemet Corporation SC-18-180 Datasheet HTML 4Page - Kemet Corporation SC-18-180 Datasheet HTML 5Page - Kemet Corporation SC-18-180 Datasheet HTML 6Page - Kemet Corporation SC-18-180 Datasheet HTML 7Page - Kemet Corporation SC-18-180 Datasheet HTML 8Page - Kemet Corporation SC-18-180 Datasheet HTML 9Page - Kemet Corporation SC-18-180 Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
LF0005_SC • 10/14/2019
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
AC Line Filters – Common Mode SC Coils, Standard Series
Table 1 – Ratings & Part Number Reference (cont.)
1
Inductance Measurement Condition : 1 kHz
2
Inductance Measurement Condition : 10 kHz
3
Inductance Measurement Condition : 16 kHz
4
Inductance Measurement Condition : 100 kHz
Part
Number
Rated
Current (A)
Inductance
(mH) Minimum
DC Resistance/
Line (mΩ)
Maximum
Temperature Rise
(K) Maximum
Wire
Diameter
(mm)
Thermal
Class
Weight (g)
Approximate
SC-04-1600
4.0
16.000 1
85.0
55
0.80
A(105°C)
39.8
SC-04-E2000
4.0
20.300 2
150.0
75
0.80
E(120°C)
45.0
SC22-04-95H
4.3
9.450 2
80.0
86
0.75
E(120°C)
31.8
SC-05-E06H
5.0
0.600 2
17.5
35
0.85
E(120°C)
10.3
SC-05-100
5.0
1.000 4
50.0
40
0.80
A(105°C)
20.0
SC-05-103
5.0
1.000 4
50.0
40
0.80
A(105°C)
17.3
SC-05-200
5.0
2.000 4
70.0
40
0.80
A(105°C)
25.0
SC-05-203
5.0
2.000 4
70.0
40
0.80
A(105°C)
31.2
SC-05-300
5.0
3.000 4
55.0
55
0.80
A(105°C)
32.8
SC-05-1100
5.0
11.000 2
55.0
50
1.00
E(120°C)
46.7
SC-05-1503
5.0
10.500 3
100.0
55
0.90
A(105°C)
41.0
SC-06-101
6.0
1.000 4
27.0
40
0.90
E(120°C)
19.3
SC-06-E200H
6.0
2.000 2
27.0
40
0.90
E(120°C)
20.1
SC-06-900
6.0
9.000 1
60.0
55
1.00
A(105°C)
44.0
SC-07-030V
7.0
0.360 4
14.0
30
1.10
E(120°C)
18.9
SC-07-100
7.0
0.650 4
14.0
45
1.10
A(105°C)
20.0
SC-07-E300A
7.0
3.000 4
45.0
70
1.00
E(120°C)
40.0
SC-07-650
7.0
6.500 1
40.0
55
1.10
A(105°C)
45.3
SC22-08-100
8.0
1.000 2
20.0
50
1.20
E(120°C)
27.3
SC-08-100
8.0
1.000 4
25.0
50
1.20
A(105°C)
40.5
SC22-08-170
8.0
1.700 2
20.0
50
1.20
E(120°C)
28.2
SC-08-170H
8.0
1.700 2
20.0
45
1.20
A(105°C)
36.3
SC-08-200B
8.0
2.000 4
70.0
40
1.20
A(105°C)
43.1
SC22-08-260
8.0
2.600 1
30.0
60
1.00
E(120°C)
25.7
SC-08-440
8.0
4.400 1
25.0
50
1.20
A(105°C)
44.2
SC-08-700
8.0
7.000 1
40.0
55
1.30
A(105°C)
103.6
SC-08-1000
8.0
10.000 4
70.0
50
1.20
A(105°C)
104.5
SC-08-E1000
8.0
10.000 4
70.0
50
1.20
E(120°C)
108.7
SC-09-1400
9.0
14.000 1
53.0
65
1.30
A(105°C)
170.1
SC-10-100
10.0
1.000 4
20.0
40
1.30
A(105°C)
40.0
SC-10-200
10.0
2.000 4
28.0
40
1.30
A(105°C)
80.0
SC-10-E200H
10.0
2.000 2
20.0
45
1.30
E(120°C)
42.5
SC-10-340
10.0
3.400 4
32.0
50
1.40
A(105°C)
105.7
SC-10-500
10.0
5.000 4
25.0
55
1.50
A(105°C)
110.1
SC-10-1000
10.0
10.000 4
35.0
50
1.50
A(105°C)
177.3
SC-12-300
12.0
3.000 4
18.0
45
1.60
A(105°C)
103.8
SC-15-01H
15.0
0.067 2
2.0
25
1.40
E(120°C)
10.0
SC-15-100
15.0
1.000 4
12.0
40
1.80
A(105°C)
100.0
SC-15-E110H
15.0
1.100 2
16.5
100
1.30
E(120°C)
41.5
SC-15-201
15.0
2.000 4
12.0
50
1.80
E(120°C)
109.3
SC-15-200
15.0
2.000 4
12.0
45
1.80
A(105°C)
110.0
SC-15-230
15.0
2.300 4
13.0
55
1.80
A(105°C)
114.4
SC-15-E350
15.0
3.500 4
20.0
80
1.60
E(120°C)
110.5
SC-15-E350H
15.0
3.500 4
20.0
80
1.60
E(120°C)
111.3
SC-18-100
18.0
0.700 4
20.0
50
1.70
A(105°C)
45.2
SC-18-180
18.0
1.800 1
11.0
75
1.90
A(105°C)
110.4
SC-18-290
18.0
2.900 4
25.0
115
1.40
E(120°C)
77.5
SC-20-100
20.0
1.000 4
8.0
45
2.30
A(105°C)
135.0
SC-20-104
20.0
1.000 4
8.0
50
2.00
A(105°C)
103.3
SC-20-201
20.0
2.000 2
10.0
75
1.90
E(120°C)
108.5
SC-20-300
20.0
3.000 4
13.0
50
2.30
A(105°C)
202.0
SC-20-400
20.0
4.000 1
13.0
55
2.30
A(105°C)
205.0
SC-30-050H
30.0
0.500 2
3.0
40
1.80 x 2 Parallel
A(105°C)
103.0
SC-30-100
30.0
1.000 4
6.0
40
2.60
A(105°C)
190.0
SC-30-E100
30.0
1.000 4
6.0
60
2.60
E(120°C)
200.0
Part Number
Rated Current (A)
Inductance (mH)
Minimum
DC Resistance/Line
(mΩ) Maximum
Temperature Rise
(K) Maximum
Wire Diameter
(mm)
Thermal
Class
Weight (g)
Approximate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com