Electronic Components Datasheet Search
  English  ▼

X  

SC-18-180 Datasheet(PDF) 13 Page - Kemet Corporation

Part # SC-18-180
Description  Common Mode SC Coils, Standard Series
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SC-18-180 Datasheet(HTML) 13 Page - Kemet Corporation

Back Button SC-18-180 Datasheet HTML 9Page - Kemet Corporation SC-18-180 Datasheet HTML 10Page - Kemet Corporation SC-18-180 Datasheet HTML 11Page - Kemet Corporation SC-18-180 Datasheet HTML 12Page - Kemet Corporation SC-18-180 Datasheet HTML 13Page - Kemet Corporation SC-18-180 Datasheet HTML 14Page - Kemet Corporation SC-18-180 Datasheet HTML 15Page - Kemet Corporation SC-18-180 Datasheet HTML 16Page - Kemet Corporation SC-18-180 Datasheet HTML 17Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
LF0005_SC • 10/14/2019
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
AC Line Filters – Common Mode SC Coils, Standard Series
Frequency Characteristics cont.
1M
100k
10k
1k
100
10
1
Frequency (Hz)
1k
10k
100k
1M
10M
30M
SC-10-500
1M
100k
10k
1k
100
10
1
Frequency (Hz)
1k
10k
100k
1M
10M 30M
SC-10-1000
1M
100k
10k
1k
100
10
1
Frequency (Hz)
1k
10k
100k
1M
10M
30M
SC-12-300
1M
100k
10k
1k
100
10
1
Frequency (Hz)
1k
10k
100k
1M
10M 30M
SC-15-01H
1M
100k
10k
1k
100
10
1
Frequency (Hz)
1k
10k
100k
1M
10M 30M
SC-15-100
1M
100k
10k
1k
100
10
1
Frequency (Hz)
1k
10k
100k
1M
10M 30M
SC-15-E110H
1M
100k
10k
1k
100
10
1
Frequency (Hz)
1k
10k
100k
1M
10M
30M
SC-15-201
1M
100k
10k
1k
100
10
1
Frequency (Hz)
1k
10k
100k
1M
10M 30M
SC-15-200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com